Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6KE170A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MP6KE170A
Description  600W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MP6KE170A Datasheet(HTML) 4 Page - Microsemi Corporation

  MP6KE170A Datasheet HTML 1Page - Microsemi Corporation MP6KE170A Datasheet HTML 2Page - Microsemi Corporation MP6KE170A Datasheet HTML 3Page - Microsemi Corporation MP6KE170A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
___________________________________________________________________________________________________________________________________
RF01007 Rev A, June 2010
High Reliability Product Group
Page 4 of 4
GRAPHS
0.1 0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
10,000
TL = 25
oC
50
30
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
tw
– Pulse Width -
s
FIGURE 1 – Peak Pulse Power vs. Pulse Time
Test waveform parameters:
tr=10
s, tw=1000 s
FIGURE 2 – Pulse waveform for
exponential surge
TL Lead temperature °C
FIGURE 3 – Derating curve
V(BR) Breakdown Voltage - Volts
FIGURE 4 – P6KE Typical Capacitance
vs. Breakdown Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com