Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6KE170A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MP6KE170A
Description  600W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MP6KE170A Datasheet(HTML) 2 Page - Microsemi Corporation

  MP6KE170A Datasheet HTML 1Page - Microsemi Corporation MP6KE170A Datasheet HTML 2Page - Microsemi Corporation MP6KE170A Datasheet HTML 3Page - Microsemi Corporation MP6KE170A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
___________________________________________________________________________________________________________________________________
RF01007 Rev A, June 2010
High Reliability Product Group
Page 2 of 4
MECHANICAL AND PACKAGING
Void-free transfer molded thermosetting epoxy body meeting UL94V-0
Tin-Lead (90 % Sn, 10 % Pb) or RoHS (100% Sn) Compliant annealed matte-Tin plating readily solderable per
MIL-STD-750, method 2026
Body marked with part number
Cathode indicated by band. No cathode band on bi-directional devices.
Available in bulk or custom tape-and-reel packaging
TAPE-AND-REEL standard per EIA-
296 (add “TR” suffix to part number)
Weight: 0.7 gram (approximately)
PACKAGE DIMENSIONS
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC
Clamping Voltage
VBR
Breakdown Voltage
IBR
Breakdown Current for VBR
ID
Standby Current
NOTE: Cathode indicated by band.
All dimensions in millimeters (inches)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com