Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD67124S Datasheet(PDF) 6 Page - Microsemi Corporation

Part # PD67124S
Description  24-Channel PoE AF and AT DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67124S Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button PD67124S Datasheet HTML 2Page - Microsemi Corporation PD67124S Datasheet HTML 3Page - Microsemi Corporation PD67124S Datasheet HTML 4Page - Microsemi Corporation PD67124S Datasheet HTML 5Page - Microsemi Corporation PD67124S Datasheet HTML 6Page - Microsemi Corporation PD67124S Datasheet HTML 7Page - Microsemi Corporation PD67124S Datasheet HTML 8Page - Microsemi Corporation PD67124S Datasheet HTML 9Page - Microsemi Corporation PD67124S Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 6
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Dynamic Characteristics____________
The PD671xxx DIMMs utilize three programmable
current level thresholds (Imin, Icut, Ilim) and two timers
(Tmin, Tcut), to operate as shown in Figure 4. Loads
that consume more than Icut for longer than Tcut
(OVL_S to OVL) are categorized as ‘overloads’ and
are automatically shutdown. Automatic recovery
from overload and no-load conditions is attempted
every TOVLREC and TUDLREC periods (typically 5 and 1
seconds, respectively). Output current is limited to
Ilim, which is the maximum peak current allowed at
each port.
DC Disconnect
Output current consumption below Imin for more
than TPMDO (UDL_S to UDL) is categorized as
‘no-load’ and is shutdown.
AC Disconnect
A port maintains power if Zac < 27 K
Ω
A port shutdowns power if Zac > 1980 K
Ω for a
time period greater than TPMDO.
PARAMETER
CO NDITIO N S
MIN.
TYP.
MAX.
UNIT
Automatic
recovery from
TOVLREC value, measured from port shutdown
(can be modified via control port)
5
s
Automatic
recovery from no-
TUDLREC value, measured from port shutdown
point (can be modified via control port)
1
s
Inrush current
IInrsh
For t = 50 ms, Cload =180 uF max.
750
mA
Output current
operating range
Iport
Continuous operation after startup
period
10
700
mA
Output power
available,
operating range
Pport
Continuous operation after startup
period, at port output (@ Vport =
57 VDC)
0.57
30
W
Imin1
Must disconnect for t greater than TUVL
0
5
mA
DC disconnect
OFF mode
Imin2
May or may not disconnect for t greater
than TUVL
5
7.5
10
mA
Zac1
Does not remove power
27
K
Ω
AC Disconnect
OFF mode
Zac2
Remove power
1980
K
Ω
PD power
maintenance
TPMD
Buffer period to handle transitions
300
400
ms
Over load current
detection range
Icut
Time limited to TOVL
660
680
700
mA
Over load time
limit
TOVL
Typical timer accuracy is 2 ms
50
75
ms
Turn on rise time
Trise
From 10% to 90% of Vport (specified for
PD load consisting of 100 uF capacitor
15
us
Port turn off time
Toff
From Vport to 5 Vdc
500
ms
I
lim
I
cu t
I
mi n
T
mi n
UDL _ S
UDL
Po r t o f f
OV L
T
cu t
OV L _ S
I
ch an n e l
Po r t 1
Po r t 2
Figure 4: Power Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com