Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD67124S Datasheet(PDF) 9 Page - Microsemi Corporation

Part # PD67124S
Description  24-Channel PoE AF and AT DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67124S Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button PD67124S Datasheet HTML 5Page - Microsemi Corporation PD67124S Datasheet HTML 6Page - Microsemi Corporation PD67124S Datasheet HTML 7Page - Microsemi Corporation PD67124S Datasheet HTML 8Page - Microsemi Corporation PD67124S Datasheet HTML 9Page - Microsemi Corporation PD67124S Datasheet HTML 10Page - Microsemi Corporation PD67124S Datasheet HTML 11Page - Microsemi Corporation PD67124S Datasheet HTML 12Page - Microsemi Corporation PD67124S Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 8
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Pin
Pin Name
Pin Type
Pin Description
Pin
Pin
Name
Pin Type
Pin Description
50
ASICINI_3_
Out
134
Rx
Digital input
UART input
51
HW_Ver_in
Analog input
Receives the hardware version 135
Tx
Digital output UART output
52
HW_Ver_out Analog output Reports on the hardware
version
136
xInt_In
Digital input
NC (not in use)
53
PG1
Digital input
Indicates PS 1 is good; low=
PS bad.
137
xInt_Out
Digital output Interrupt out signal
54
PG2
Digital input
Indicates PS 2 is good; low=
PS bad.
138
ESPI_CS
Digital I/O
CS for ESPI between DIMMs
55
I2C_Addr_M
Analog input
Enhanced mode – sets I2C
address
139
xDisable_Port
s
Digital input
Low=disable from host
56
TBD
TBD
140
xSystem_ok
Digital output Main DC input status indicator;
low = Vmain is out of range.
57
SCL
Digital I/O
I2C clock
141
SDA
Digital I/O
I2C data
58
DGND
Ground
Digital ground
142
DGND
Ground
Digital ground
59
Rx2
Digital input
NC (not in use)
143
PG3
Digital input
Indicates PS 3 is good, low= PS
bad
60
Tx2
Digital output
NC (not in use)
144
TBD
TBD
61
Port_P12
Analog output Channel 13 positive output
145
CP_1
Analog output NC (not in use)
62
Port_N12
Analog output Channel 13 negative output
146
TBD
TBD
63
Port_P13
Channel 14 positive output
147
I2C_Addr_1
Digital input
Auto mode; sets I2C address
64
Port_N13
Channel 14 negative output
148
Qgnd1
Ground
Quiet ground
65
Port_P14
Channel 15 positive output
149
TBD
TBD
66
Port_N14
Channel 15 negative output
150
TBD
TBD
67
Port_P15
Channel 16 positive output
151
TBD
TBD
68
Port_N15
Channel 16 negative output
152
TBD
TBD
69
Port_P16
Channel 17 positive output
153
TBD
TBD
70
Port_N16
Channel 17 negative output
154
71
Port_P17
Channel 18 positive output
155
72
Port_N17
Channel 18 negative output
156
73
Port_P18
Channel 19 positive output
157
74
Port_N18
Channel 19 negative output
158
75
Port_P19
Channel 20 positive output
159
76
Port_N19
Channel 20 negative output
160
77
Port_P20
Channel 21 positive output
161
78
Port_N20
Channel 21 negative output
162
79
Port_P21
Channel 22 positive output
163
80
Port_N21
Channel 22 negative output
164
81
Port_P22
Channel 23 positive output
165
82
Port_N22
Channel 23 negative output
166
83
Port_P23
Channel 24 positive output
167
84
Port_N23
Channel 24 negative output
168
Spare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com