Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD67124MAC-GGGG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD67124MAC-GGGG
Description  24-Channel PoE AF and AT DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67124MAC-GGGG Datasheet(HTML) 1 Page - Microsemi Corporation

  PD67124MAC-GGGG Datasheet HTML 1Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 2Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 3Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 4Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 5Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 6Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 7Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 8Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
DESCRIPTION
KEY FE A T URES
Microsemi’s™ new and unique family of Power over Ethernet
(PoE) modules enable next-generation network devices to
share data and power over the same cable. The PD671xxx
PoE PSE modules are fit / form compatible with the standard
plug-in memory modules used in personal computers (Dual
Inline Memory Modules - DIMMs) (see Figure 1 and Figure 12).
Thus, the use of these modules permit network devices to be
designed for up to 96 ports, with fewer ports actually installed.
Additional modules can be inserted in the field at any time.
The PD671xxx (8, 12 or 24 ports DIMM) includes a wide range
of functions. Some of these modules include the PD69000
micro-controller unit (PoE controller) for Enhanced features and
a flexible work environment in a DIMM master or DIMM slave
configuration (refer to Ordering Information, page 2).
Microsemi’s PoE PD671xxx DIMMs implement real time
mechanisms including detection, classification, port real-time
protection and system level functions (power management and
MIB support).
Microsemi’s PD69012 IC, 12-channel PoE Manager IC is at the
heart of these modules. PD671xxx DIMMs enable the
detection of IEEE802.3at-2009 Type 1 (low power) or Type 2
(high power) Powered Devices (PDs), ensuring safe power
feeding and removal over Ethernet ports. The PD69012-based
DIMMs detect and disable disconnected ports, using DC or AC
disconnection methods. The DIMMs are embedded in multi-
port and highly populated Ethernet switches, requiring a
minimum of external components.
The PD671xxx DIMM is fully backwards compatible with the
PD670xx DIMM and can be dropped into existing designs.
Figure 1: PoE PD67124 DIMM
IMPORTANT: For the most current data, consult Microsemi’s website:
http://www.microsemi.com
IEEE 802.3AT-2009 and
IEEE802.3AF-2003 compliant
Up to 30 W per port power PoE
solution
RoHS compliant
Supports IETF PoE MIB (RFC 3621)
Up to 24 power ports per single DIMM
Up to 96 ports in a system, using
master and slave configuration
Thermal protection per port
Thermal monitoring capabilities
Pre-standard detection methods
(Cisco Inline Power and Power over
LAN Legacy)
Non-standard terminals supported
DC disconnect with DC modulation
AC disconnect function utilizing
external diodes
PD 2-events classification function
Operates using a single input (44 to
57 VDC)
I
2C or UART host interface
Host communication is backward
compatible with PD67024M
communication, or Marvell® ISSR
Programmable over current protection
per port
Built-in power management algorithm
Internal power-on reset mechanism
Fast port shutdown on power supply
failure
Supports Backplane Power
Management
Automatic on/off sequencer for 96
ports
Disable/enable power per port
Continuous port current monitoring
Serial interface for LED indicator
support
Backwards compatible with PD670xx
Fit/form compliant with168-pin DIMM
JEDEC MO-161F, 3.3 V
Space efficient compact design
Factory pre-tested, for plug-and-play
integration
Safety standard compliant: UL / cUL
per UL60950-1 (mounted on
Microsemi evaluation board)


Similar Part No. - PD67124MAC-GGGG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PD6710 INTEL-PD6710 Datasheet
836Kb / 138P
ISA-to-PC-Card (PCMCIA) Controllers
More results

Similar Description - PD67124MAC-GGGG

ManufacturerPart #DatasheetDescription
logo
Level One
FEP-0811 LVL1-FEP-0811 Datasheet
338Kb / 4P
IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FEP-0812 LVL1-FEP-0812 Datasheet
403Kb / 4P
IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FEP-1611 LVL1-FEP-1611 Datasheet
350Kb / 4P
IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FGP-2410 LVL1-FGP-2410 Datasheet
860Kb / 5P
24 PoE-Plus Fast Ethernet ports and 2 Gigabit combo (RJ-45/SFP) ports IEEE 802.3af/at PoE compliant to simplify deployment and installation
logo
Pulse A Technitrol Comp...
J435 PULSE-J435 Datasheet
1Mb / 7P
1X4 Tab-Up PoE and PoE
logo
List of Unclassifed Man...
S3-24P ETC2-S3-24P Datasheet
761Kb / 7P
Layer 3 Switch with 24 Ports PoE/12 Ports PoE and 10G Uplinks
logo
Microchip Technology
PD70211 MICROCHIP-PD70211 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
logo
Advantech Co., Ltd.
EKI-2701HP ADVANTECH-EKI-2701HP Datasheet
480Kb / 2P
IEEE 802.3af/at Gigabit PoE Injector
8-Apr-2021
logo
Analog Devices
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com