Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD67124MAC-GGGG Datasheet(PDF) 13 Page - Microsemi Corporation

Part # PD67124MAC-GGGG
Description  24-Channel PoE AF and AT DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67124MAC-GGGG Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button PD67124MAC-GGGG Datasheet HTML 6Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 7Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 8Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 9Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 10Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 11Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 12Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 13Page - Microsemi Corporation PD67124MAC-GGGG Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 12
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Power Dissipation______________________________________
The PD671xxx power dissipation is concentrated within a few components distributed along the board as
follows. These power dissipation calculations are based on a 24 port DIMM supplied by a 48 VDC power
supply and located at ambient temperature of 70° C.
POWER DISSIP A TION [W]
COMPONENT
DESCRIPTION
UNITS
IEEE802.3 A F
0.35 A / POR T
IEEE802.3 A T
0.6 A / PORT
IEEE802.3 A T
0.65 A / POR T
Rs
Senses resistor
24
1.43
4.21
4.94
Mosfet
PoE switching Mosfet
24
0.56
1.64
1.93
PD69012
PoE manager
2
1.15
1.15
1.15
PD69000
PoE controller
1 *
0.02
0.02
0.02
Total
3.16
7.02
8.04
* Enhanced mode Master board only
Important
: When deploying an application utilizing the AC disconnect method, carefully select the diode type
and diode location on the mother board. The diode should be located away from the DIMM to prevent mutual
heating and the ventilation should be doubled to deal with higher power dissipation.
AC disconnect diodes power dissipation is based on 1 VDC forward voltage.
POWER DISSIP A TION [W]
COMPONENT
DESCRIPTION
UNITS
IEEE802.3 A F
0.35 A / POR T
IEEE802.3 A T
0.6 A / PORT
IEEE802.3 A T
0.65 A / POR T
Diode
AC disconnect diode
24
8.4
14.4
15.6
Physical Information ___________________________________
Figure 11 shows the PD671xxx DIMM mechanical outline, which can be used in printed circuit layout design.
PD671xxx DIMMs are designed to be mounted onto a 168-contact DIMM connector, capable of accepting
JEDEC MO-161 modules. All units are in millimeters.
Figure 11: DIMM Dimensions
Figure 12: Mechanical Outline of the PD671xxx DIMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com