Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS480N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS480N
Description  Small Signal Schottky Plastic-Encapsulate Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS480N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS480N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS480N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS480N
VOLTAGE 45 V, 1 A
Small Signal Schottky Plastic-Encapsulate Diode
17-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
B
L
F
H
C
J
D G
K
A
E
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
♦
Low current rectification
♦
High reliability
MARKING
3T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
TYPE NUMBER
SYMBOL
VALUE
UNIT
Peak Reverse Voltage
VRM
45
V
DC Reverse
VR
40
V
Peak Forward Current
IFM
1
A
Mean Rectifying Current
IO
0.1
A
Junction & Storage Temperature
TJ,TSTG
125, -40~125
°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
TYP
MAX
UNIT
TEST CONDITION
1
µA
VR=10V
Reverse Current
IR
5
µA
VR=40V
450
mV
IF=10mA
Forward Voltage
VF
600
mV
IF=100mA
25
pF
VR=0V
Capacitance between Terminals
CT
6
pF
VR=10V, f=1MHz
SOT-353
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
8°
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35
2
N/A
1
A
C
5
C
4
3
A


Similar Part No. - SCS480N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS480J SECOS-SCS480J Datasheet
569Kb / 2P
0.1AMP Schottky Barrier Rectifiers
SCS480K SECOS-SCS480K Datasheet
55Kb / 1P
0.1A , 40V Surface Mount Schottky Barrier Rectifiers
SCS480K SECOS-SCS480K_15 Datasheet
55Kb / 1P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS480N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
SeCoS Halbleitertechnol...
2SA1037 SECOS-2SA1037 Datasheet
67Kb / 3P
Small Signal Plastic Encapsulate Transistor
SCS401F SECOS-SCS401F Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com