Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS491D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS491D
Description  1.0 A, 25 V Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS491D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS491D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS491D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS491D
1.0 A, 25 V
Surface Mount Schottky Barrier Rectifier
17-Nov-2009 Rev. B
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Circuit
10T
–
Marking
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SCS491D is low power rectification for switching power supply
MARKING CODE
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
25
V
Maximum RMS Voltage
VRMS
18
V
Maximum DC Blocking Voltage
VDC
20
V
Peak Forward Surge Current at 8.3 m Sec single half sine-wave
IFSM
3
A
Typical Junction Capacitance between Terminal
CJ
30
pF
Maximum Average Forward Rectified Current
IO
1.0
A
Total Power Dissipation
PD
225
mW
Junction, Storage Temperature
TJ, TSTG
125, -40~125
°C
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
25
-
V
IR = 100
µA
Maximum Instantaneous Forward Voltage
VF
-
0.45
V
IF = 1A
Maximum Average Reverse Current
IR
-
200
µA
VR = 20V
SC-59
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50


Similar Part No. - SCS491D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS491D SECOS-SCS491D Datasheet
511Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SCS491DJ SECOS-SCS491DJ Datasheet
90Kb / 2P
1A , 25V Surface Mount Schottky Barrier Rectifier
SCS491D SECOS-SCS491D_11 Datasheet
62Kb / 2P
1A , 25V Surface Mount Schottky Barrier Rectifier
SCS491D SECOS-SCS491D_15 Datasheet
62Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SCS491D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
TAITRON Components Inco...
TSR120 TAITRON-TSR120 Datasheet
216Kb / 4P
1.0 A SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCS494D SECOS-SCS494D Datasheet
236Kb / 2P
0.4 A, 40 V Surface Mount Schottky Barrier Rectifier
logo
Rugao Dachang Electroni...
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
logo
SeCoS Halbleitertechnol...
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L_15 Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK12 BYTESONIC-SK12_V01 Datasheet
535Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/7/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com