Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB8035 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SPB8035
Description  4 X 80A Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SPB8035 Datasheet(HTML) 2 Page - Microsemi Corporation

  SPB8035 Datasheet HTML 1Page - Microsemi Corporation SPB8035 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPB8035 - SPB8045
Reverse Voltage - Volts
20
0.1
1.0
25 C
0
75 C
10
30
40
50
0.6
Instantaneous Forward Voltage - Volts
Typical Reverse Characteristics - Per Leg
10
100
125 C
1000
10000
1.0
Figure 2
0
2.0
0.4
0.2
1.0
0.8
1.2
1.4
150 C
10
4.0
6.0
8.0
20
40
60
80
100
200
25 C
Typical Forward Characteristics - Per Leg
Figure 1
110
DC
30
Average Forward Current - Amperes
0
0
15
30
90
60
120
Average Forward Current - Amperes
Maximum Forward Power Dissipation - Per Leg
Figure 5
75
45
60
90
105
0
80
90
100
30
180
90 120
90
120
60
90
120
180
150
DC
150
Forward Current Derating - Per Leg
Reverse Voltage - Volts
Figure 4
140
120
130
150
0.1
1000
5000
10000
0.5
1.0
5.0
10
50
Typical Junction Capacitance - Per Leg
Figure 3
100000
50000
100
1000
800
600
400
150 C
January, 2010 - Rev. 2
www.microsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com