Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB8035 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SPB8035
Description  4 X 80A Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SPB8035 Datasheet(HTML) 1 Page - Microsemi Corporation

  SPB8035 Datasheet HTML 1Page - Microsemi Corporation SPB8035 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
3500 pF
*Pulse test: Pulse width 300µsec, Duty cycle 2%
4 mA
0.57 Volts
1250 Amps
320 Amps
80 Amps
Electrical Characteristics
2 Amps
4 X 80A Schottky Barrier Rectifier
SPB8035 - SPB8045
Thermal and Mechanical Characteristics
Typical junction capacitance per leg
Max peak reverse current per leg
Maximum repetitive reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per package
Average forward current per leg
Mounting Torque
Weight
Operating junction temp range
Max thermal resistance per leg
Max thermal resistance per pkg
Storage temp range
T
R
R
T
JC
JC
0
J
0
STG
CJ
F(AV)
I
R(OV)
FSM
VFM
I RM
I
I
F(AV)
I
35V
Reverse Voltage
Working Peak
Catalog Number
SPB8035
Microsemi
Repetitive Peak
Reverse Voltage
C = 95°C Square wave
1.1 ounces (30 grams) typical
9-13 inch pounds
f = 1 KHz, 25°C, 1µsec square wave
R = 5.0V, J = 25°C
FM = 80A: J = 25°C*
8.3ms, half sine, J = 175°C
C = 95°C
Square wave
RRM, J = 25°C*
-55°C to 175°C
0.60°C/W
-55°C to 150°C
0.15°C/W
V
T
T
I
V
T
T
T
T
Low Forward Voltage Drop
Common Cathode Base
4 Schottky Rectifiers in one pkg.
35-45V @ 80A/leg
Low Switching losses
Minimum Maximum Minimum Maximum Notes
25.04
24.79
0.976
B
0.986
0.480
0.174
1.059
1.000
E
F
D
C
0.472
0.164
1.049
0.990
12.00
26.67
4.16
25.15
12.24
4.42
26.90
25.40
1.504
Dim. Inches
A
1.494
Millimeter
37.95
38.20
F
G
H
A
B
C
D
E
0.084
G
0.080
2.03
2.13
H
0.372
0.378
9.45
9.60
SOT-227
SPB8040
40V
SPB8045
45V
Base
Common Cathode
45V
40V
35V
January, 2010 - Rev. 2
www.microsemi.com


Similar Part No. - SPB8035

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB80100 MICROSEMI-SPB80100 Datasheet
142Kb / 2P
4 X 80A SCHOTTKY BARRIER RECTIFIER
SPB80100 MICROSEMI-SPB80100 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
SPB8080 MICROSEMI-SPB8080 Datasheet
142Kb / 2P
4 X 80A SCHOTTKY BARRIER RECTIFIER
SPB8080 MICROSEMI-SPB8080 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
SPB8080 MICROSEMI-SPB8080_10 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
More results

Similar Description - SPB8035

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
Schottky Barrier Diode MODULE 80A/30A
logo
Microsemi Corporation
SPB16035 MICROSEMI-SPB16035 Datasheet
135Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
logo
Solid States Devices, I...
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
80A 45 V SCHOTTKY CENTERTAP RECTIFIER
logo
Microsemi Corporation
SPB8080 MICROSEMI-SPB8080 Datasheet
142Kb / 2P
4 X 80A SCHOTTKY BARRIER RECTIFIER
SPB10015 MICROSEMI-SPB10015 Datasheet
128Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10035 MICROSEMI-SPB10035 Datasheet
131Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10080 MICROSEMI-SPB10080 Datasheet
131Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB16080 MICROSEMI-SPB16080 Datasheet
130Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
SPB8080 MICROSEMI-SPB8080_10 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
logo
Digitron Semiconductors
MBR8035 DIGITRON-MBR8035 Datasheet
827Kb / 3P
80A SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com