Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS751G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS751G
Description  0.03 A , 40 V Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS751G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS751G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS751G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS751G
0.03 A , 40 V
Schottky Barrier Rectifiers
20-Jan-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small surface mounting type.
Low reverse current and low forward voltage.
High reliability.
MECHANICAL DATA
Case: SOD-723, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Mounting Position: Any
MARKING CODE
Part Number
Marking Code
SCS751G
5
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-723
8K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Maximum Recurrent Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
30
V
Maximum Average Forward Rectified Current
IF
30
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
200
mA
Maximum Instantaneous Forward Voltage @ IF=1mA
VF
0.37
V
Maximum DC Reverse Current @ VR=30V, TA=25°C
IR
0.5
μA
Capacitance between terminals @ VR=1V, f=1MHz
CT
2
pF
Operating Temperature Range
TJ
125
°C
Storage temperature
TSTG
-40 ~ 125
°C
Notes:
1.
ESD sensitive product handling required.
SOD-723
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.300
1.500
D
0.800
1.100
B
0.550
0.650
E
0.250
0.350
C
0.515
0.650
F
0.080
0.150
E
F
B
C
D
A


Similar Part No. - SCS751G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS751G SECOS-SCS751G Datasheet
150Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS751G WILLAS-SCS751G Datasheet
478Kb / 4P
30mA Surface Mount Schottky Barrier Rectifiers-40V
logo
SeCoS Halbleitertechnol...
SCS751G SECOS-SCS751G_15 Datasheet
175Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS751G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS715W SECOS-SCS715W Datasheet
240Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751G SECOS-SCS751G Datasheet
150Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751S SECOS-SCS751S Datasheet
79Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40 Datasheet
129Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS0540P SECOS-SCS0540P Datasheet
270Kb / 2P
0.5 A, 40 V Schottky Barrier Rectifiers
SCS0540V SECOS-SCS0540V Datasheet
267Kb / 2P
0.5 A, 40 V Schottky Barrier Rectifiers
SCS705F SECOS-SCS705F Datasheet
405Kb / 2P
VOLTAGE 40 V, 0.03 A Small Signal Schottky Barrier Diode
SCS751V-40 SECOS-SCS751V-40_09 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V SECOS-SCS751V_15 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SM140V SECOS-SM140V Datasheet
48Kb / 2P
1 A, 40 V Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com