Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9130 Datasheet(PDF) 1 Page - Seme LAB

Part # IRF9130
Description  P-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRF9130 Datasheet(HTML) 1 Page - Seme LAB

  IRF9130 Datasheet HTML 1Page - Seme LAB IRF9130 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRF9130
Prelim. 10/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
39.95 (1.573)
max.
17.15 (0.675)
16.64 (0.655)
30.40 (1.197)
30.15 (1.187)
1
2
4.09 (0.161)
3.84 (0.151)
dia.
2 plcs.
20.32 (0.800)
18.80 (0.740)
dia.
1.09 (0.043)
0.97 (0.038)
dia.
2 plcs.
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 0 , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 0 , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
IAR
Avalanche Current 1
EAR
Repetitive Avalanche Energy 1
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
TL
Lead Temperature
1.6mm (0.63”) from case for 10 sec.
MECHANICAL DATA
Dimensions in mm (inches)
P–CHANNEL
POWER MOSFET
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• HERMETICALLY SEALED TO–3 METAL
PACKAGE
• SIMPLE DRIVE REQUIREMENTS
• SCREENING OPTIONS AVAILABLE
TO–3 Metal Package
Pin 1 – Gate
Pin 2 – Source
Case – Drain
Notes
1) Repetitive Rating – Pulse width limited by maximum junction temperature.
2) @ VDD = –25V , L ³ 1.0mH , RG = 25W , Peak IL = –11A , Starting TJ = 25°C
3) @ ISD £ –11A , di/dt £ –140A/ms , VDD £ BVDSS , TJ £ 150°C , Suggested RG = 7.5W
VDSS
–100V
ID(cont)
–11A
RDS(on)
0.2
W
W
W
W
±20V
–11A
–7.0A
–50A
75W
0.6W/°C
81mJ
–11A
7.5mJ
–5.5V/ns
–55 to +150°C
300°C


Similar Part No. - IRF9130

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9130 SAMSUNG-IRF9130 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
logo
International Rectifier
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
logo
Seme LAB
IRF9130 SEME-LAB-IRF9130 Datasheet
23Kb / 2P
P?밅HANNEL POWER MOSFET
logo
Inchange Semiconductor ...
IRF9130 ISC-IRF9130 Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - IRF9130

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com