Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9130 Datasheet(PDF) 2 Page - Seme LAB

Part # IRF9130
Description  P-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRF9130 Datasheet(HTML) 2 Page - Seme LAB

  IRF9130 Datasheet HTML 1Page - Seme LAB IRF9130 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance 1
Gate Threshold Voltage
Forward Transconductance
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Drain to Case Capacitance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current 2
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Forward Turn–On Time
IRF9130
Prelim. 10/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
–100
–0.087
0.3
0.35
–2
–4
3
–25
–250
–100
100
12
860
350
125
15
29
1.0
7.1
2.0
21
60
140
140
140
–11
–50
–4.7
250
3.0
Negligible
5.0
13
1.67
0.12
30
VGS = 0
ID = –1mA
Reference to 25°C
ID = –1mA
VGS = –10V
ID = –7.0A
VGS = –10V
ID = –11A
VDS = VGS
ID = –250mA
VDS ³ –15V
IDS = –7.0A
VGS = 0
VDS = 0.8 x Max
TJ = 125°C
VGS = –20V
VGS = 20V
VGS = 0
VDS = – 25V
f = 1MHz
VGS = –10V
ID = –11A
VDS = 0.5 x max
VDD = –50V
ID = –11A
RG = 7.5W
IS = –11A
TJ = 25°C
VGS = 0
IF = –11A
VDD £ –50V
di / dt £ –100A/ms TJ = 25°C
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
V
V/ °C
W
V
S (
É)
mA
nA
pF
nC
ns
A
V
ns
mC
nH
°C/W
BVDSS
DBVDSS
DTJ
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
CDC
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
ton
LD
LS
RqJC
RqCS
RqJA
STATIC ELECTRICAL RATINGS
Notes
1) Pulse Test: Pulse Width
£ 300ms, d £ 2%
2) Repetitive Rating – Pulse width limited by maximum junction temperature.
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Internal Drain Inductance (measured from 6mm down drain lead to centre of die)
Internal Source Inductance (from 6mm down source lead to source bond pad)
Thermal Resistance Junction – Case
Thermal Resistance Case – Sink
Thermal Resistance Junction – Ambient
PACKAGE CHARACTERISTICS
THERMAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com