Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SESD07 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SESD07
Description  Transient Voltage Suppressors for ESD Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SESD07 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SESD07 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SESD07 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SESD07
110 W, 7.0 V
Transient Voltage Suppressors
for ESD Protection (Uni-directional)
01-June-2005 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
D
SOD-723
imensions in inches and (millimeters)
7 REF
7 REF
o
o
.043(1.10)
.035(0.90)
.008REF
(0.20)REF
.026(0.65)
.022(0.55)
.059(1.50)
.051(1.30)
.014(0.35)
.010(0.25)
.003(0.07)
.001(0.01)
7 REF
7 REF
o
o
.006(0.15)
.003(0.08)
.023(0.580)
.020(0.515)
.026(0.650)
.021(0.525)
DESCRIPTION
TheSESD07 is designed to protect voltage sensitive components from ESD. Excellent clamping capability, low
leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Small size makes
it easy to fit in limited board spaces.
APPLICATIONS
Cellular phones / audio
Portable devices
Digital cameras
MP3 players
FEATURES
Stand−off Voltage: 7.0 V
Low Leakage
Response Time is typically < 1 ns
ESD Rating of Class 3 (> 16 kV)
per Human Body Model
IEC61000−4−2 Level 4 ESD Protection
These are Pb−Free Devices
MARKING CODE
EE
ABSOLUTE RATINGS (Tamb = 25°C )
Rating
Symbol
Value
Units
IEC 61000-4-2 (ESD)
Air contact
Contact discharge
±
30
±
30
kV
kV
ESD voltage
per human body model
kV
per machine model
16
400
V
Total power dissipation on FR-5 Board (Note 1)
PD
100
mW
Thermal Resistance Junction−to−Ambient
RθJA
1250
°C / W
Junction and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
Lead Solder Temperature – Maximum (10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. FR-5 = 1.0 x 0.75 x 0.62 in.
ELECTRICAL CHARACTERISTICS (Ratings at 25°C ambient temperature unless otherwise specified.)
Symbol
Parameter
IPP
Max. Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Max. Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
C
Max. Capacitance @ VR=0 and f=1 MHz
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
The marking band indicates cathode.
Uni-direction


Similar Part No. - SESD07

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SESD07 SECOS-SESD07_15 Datasheet
214Kb / 2P
Transient Voltage Suppressors
More results

Similar Description - SESD07

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com