Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SESD07 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SESD07
Description  Transient Voltage Suppressors for ESD Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SESD07 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SESD07 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SESD07 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SESD07
110 W, 7.0 V
Transient Voltage Suppressors
for ESD Protection (Uni-directional)
01-June-2005 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS
(Ratings at 25°C ambient temperature unless otherwise specified. VF = 0.9V max at IF = 10mA for all types)
VRWM (V)
IR (uA)
@ VRWM
VBR (V)
@ IT (Note 1)
IT
VC (V)
@ Max IPP*
IPP(A)*
C
(pF)
Device
Max
Max
Min
Max
mA
Max
Max
Typ
SESD07
7.0
1.0
7.5
8.7
1.0
14.1
8.1
55
+Surge current waveform per Figure 1.
1.
VBR is measured with a pulse test current IT at an ambient temperature of 25℃.
RATINGS AND CHARACTERISTICS CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com