Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM7204 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # UM7204
Description  HIGH POWER PIN DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7204 Datasheet(HTML) 5 Page - Microsemi Corporation

  UM7204 Datasheet HTML 1Page - Microsemi Corporation UM7204 Datasheet HTML 2Page - Microsemi Corporation UM7204 Datasheet HTML 3Page - Microsemi Corporation UM7204 Datasheet HTML 4Page - Microsemi Corporation UM7204 Datasheet HTML 5Page - Microsemi Corporation UM7204 Datasheet HTML 6Page - Microsemi Corporation UM7204 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UM7000 / UM7100 / UM7200
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
5
TM
®
HIGH POWER PIN DIODES
RoHS Compliant Versions Available
I/V V S TEMP
T Y P I CA L R P VS VOLT A G E
0.0
0.5
1.0
1.5
Vf (V)
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
MEAN If VERSUS Vf CURVE VERSUS TEMPERATURE
TYPICAL
-----25C
--------------75C
---------------100C
---------------125C
150C------------
THE R MA L IM PE D ANC E
CAPACI TANC E V S VOLTAG E
Copyright
 2006
Rev.: 2009-01-19



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com