Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM7204 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # UM7204
Description  HIGH POWER PIN DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7204 Datasheet(HTML) 7 Page - Microsemi Corporation

  UM7204 Datasheet HTML 1Page - Microsemi Corporation UM7204 Datasheet HTML 2Page - Microsemi Corporation UM7204 Datasheet HTML 3Page - Microsemi Corporation UM7204 Datasheet HTML 4Page - Microsemi Corporation UM7204 Datasheet HTML 5Page - Microsemi Corporation UM7204 Datasheet HTML 6Page - Microsemi Corporation UM7204 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UM7000 / UM7100 / UM7200
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
7
TM
®
HIGH POWER PIN DIODES
RoHS Compliant Versions Available
PAC K AG E ST YLE ‘E’
PAC K AG E ST YLE ‘SM’
S TYLE ‘S M ’ FOOT PRINT
Copyright
 2006
Rev.: 2009-01-19
1
NOTES:
These dimensions will match the terminals and provide for additional solder fillets at the
outboard ends at least as wide as the terminals themselves, assuming accuracy of
placement within 0.005”
2
If the mounting method chosen requires use of an adhesive separate from the solder
compound, a round (or square) spot of cement as shown should be centrally located.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com