Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF152 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # VRF152
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF152 Datasheet(HTML) 5 Page - Microsemi Corporation

  VRF152 Datasheet HTML 1Page - Microsemi Corporation VRF152 Datasheet HTML 2Page - Microsemi Corporation VRF152 Datasheet HTML 3Page - Microsemi Corporation VRF152 Datasheet HTML 4Page - Microsemi Corporation VRF152 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VRF152(MP)
A
U
M
M
Q
R
B
1
4
3
2
D
K
E
Seating Plane
C
J
H
PIN 1 - SOURCE
PIN 2 - GATE
PIN 3 - SOURCE
PIN 4 - DRAIN
.5” SOE Package Outline
All Dimensions are ± .005
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.096
0.990
24.39
25.14
B
0.465
0.510
11.82
12.95
C
0.229
0.275
5.82
6.98
D
0.216
0.235
5.49
5.96
E
0.084
0.110
2.14
2.79
H
0.144
0.178
3.66
4.52
J
0.003
0.007
0.08
0.17
K
0.435
11.0
M
45° NOM
45° NOM
Q
0.115
0.130
2.93
3.30
R
0.246
0.255
6.25
6.47
U
0.720
0.730
18.29
18.54
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
Adding MP at the end of P/N specifies a matched pair where V
GS(TH) is matched between the two parts. VTH values
are marked on the devices per the following table.
Code
Vth Range
Code 2
Vth Range
A
2.900 - 2.975
M
3.650 - 3.725
B
2.975 - 3.050
N
3.725 - 3.800
C
3.050 - 3.125
P
3.800 - 3.875
D
3.125 - 3.200
R
3.875 - 3.950
E
3.200 - 3.275
S
3.950 - 4.025
F
3.275 - 3.350
T
4.025 - 4.100
G
3.350 - 3.425
W
4.100 - 4.175
H
3.425 - 3.500
X
4.175 - 4.250
J
3.500 - 3.575
Y
4.250 - 4.325
K
3.575 - 3.650
Z
4.325 - 4.400
V
TH values are based on Microsemi measurements at datasheet conditions with an accuracy of 1.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com