Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF152 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # VRF152
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF152 Datasheet(HTML) 1 Page - Microsemi Corporation

  VRF152 Datasheet HTML 1Page - Microsemi Corporation VRF152 Datasheet HTML 2Page - Microsemi Corporation VRF152 Datasheet HTML 3Page - Microsemi Corporation VRF152 Datasheet HTML 4Page - Microsemi Corporation VRF152 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VRF152
VRF152MP
50V, 150W, 175MHz
The VRF152 is a gold-metallized silicon n-channel RF power transistor de-
signed for broadband commercial and military applications requiring high power
and gain without compromising reliability, ruggedness, or inter-modulation
distortion.
FEATURES
• Improved Ruggedness V
(BR)DSS = 130V
• 150W with 22dB Typical Gain @ 30MHz, 50V
• 150W with 14dB Typical Gain @ 175MHz, 50V
• Excellent Stability & Low IMD
• Common Source Configuration
• Available in Matched Pairs
• 30:1 Load VSWR Capability at Specified Operating Conditions
• Nitride Passivated
• Refractory Gold Metallization
• Low Rds Replacement for MRF151/ BLF177/ SD2941
• RoHS Compliant
Symbol
Parameter
VRF152(MP)
Unit
V
DSS
Drain-Source Voltage
130
V
I
D
Continuous Drain Current @ T
C = 25°C
20
A
V
GS
Gate-Source Voltage
±40
V
P
D
Total Device dissipation @ T
C = 25°C
300
W
T
STG
Storage Temperature Range
-65 to 150
°C
T
J
Operating Junction Temperature
200
RF POWER VERTICAL MOSFET
Maximum Ratings
All Ratings: T
C =25°C unless otherwise specified
Static Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
V
(BR)DSS
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 50mA)
130
V
R
DS(ON)
Drain-Source On-State Resistance 1 (V
GS = 10V, ID = 10A)
0.13
0.20
Ohms
I
DSS
Zero Gate Voltage Drain Current (V
DS = 100V, VGS = 0V)
50
μA
I
GSS
Gate-Source Leakage Current (V
DS = ±20V, VDS = 0V)
1.0
μA
g
fs
Forward Transconductance (V
DS = 10V, ID = 5A)
5.0
6.2
mhos
V
GS(TH)
Gate Threshold Voltage (V
DS = 10V, ID = 100mA)
2.9
3.6
4.4
V
Microsemi Website - http://www.microsemi.com
Thermal Characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
R
θJC
Junction to Case Thermal Resistance
0.60
°C/W
CAUTION:
These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
M174


Similar Part No. - VRF152

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VRF152 MICROSEMI-VRF152 Datasheet
121Kb / 4P
RF POWER VERTICAL MOSFET
VRF152E MICROSEMI-VRF152E Datasheet
121Kb / 4P
RF POWER VERTICAL MOSFET
VRF152E MICROSEMI-VRF152E Datasheet
122Kb / 5P
RF POWER VERTICAL MOSFET
VRF152EMP MICROSEMI-VRF152EMP Datasheet
122Kb / 5P
RF POWER VERTICAL MOSFET
VRF152E MICROSEMI-VRF152E_10 Datasheet
122Kb / 5P
RF POWER VERTICAL MOSFET
More results

Similar Description - VRF152

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VRF141G MICROSEMI-VRF141G Datasheet
111Kb / 4P
RF POWER VERTICAL MOSFET
VRF151E MICROSEMI-VRF151E Datasheet
129Kb / 4P
RF POWER VERTICAL MOSFET
VRF152E MICROSEMI-VRF152E Datasheet
121Kb / 4P
RF POWER VERTICAL MOSFET
VRF190E MICROSEMI-VRF190E Datasheet
118Kb / 4P
RF POWER VERTICAL MOSFET
VRF157FL MICROSEMI-VRF157FL Datasheet
120Kb / 4P
RF POWER VERTICAL MOSFET
VRF148A MICROSEMI-VRF148A_10 Datasheet
200Kb / 5P
RF POWER VERTICAL MOSFET
VRF150 MICROSEMI-VRF150_10 Datasheet
151Kb / 5P
RF POWER VERTICAL MOSFET
VRF2933 MICROSEMI-VRF2933_10 Datasheet
124Kb / 5P
RF POWER VERTICAL MOSFET
VRF151E MICROSEMI-VRF151E_10 Datasheet
139Kb / 5P
RF POWER VERTICAL MOSFET
VRF154FL MICROSEMI-VRF154FL_10 Datasheet
143Kb / 5P
RF POWER VERTICAL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com