Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF102FL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF102FL
Description  1.0 Amp Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF102FL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF102FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF102FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMF102FL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SMF102FL ~ SMF107FL
Voltage 100V~ 1000V
1.0 Amp Surface Mount Fast Recovery Rectifiers
09-May-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated device
Ideal for surface mounted applications
Low leakage current
Metallurgically bonded construction
High temperature soldering:
260°C /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC SOD-123FL, molded plastic over
passivated chip
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.0008 ounces, 0.022 gram
Mounting position: Any
MARKING
Product
Marking Code
Product
Marking Code
SMF102FL
RB
SMF105FL
RJ
SMF103FL
RD
SMF106FL
RK
SMF104FL
RG
SMF107FL
RM
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123FL
2.5K
7’ inch
SOD-123FL
E
F
B
C
D
A
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
2.90
E
0.10
0.30
B
1.80
2.00
F
0.80
1.20
C
1.55
1.25
G
0.35
0.85
D
3.50
3.90


Similar Part No. - SMF102FL

ManufacturerPart #DatasheetDescription
logo
Bytes
SMF102 BYTES-SMF102 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
SMF102 UNIOHM-SMF102 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
SMF102 DGNJDZ-SMF102 Datasheet
218Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Bytes
SMF102A BYTES-SMF102A Datasheet
156Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF102A SECOS-SMF102A Datasheet
204Kb / 2P
1.0AMP Surface Mount Fast Recovery Rectifiers
More results

Similar Description - SMF102FL

ManufacturerPart #DatasheetDescription
logo
Bytes
SM4933 BYTES-SM4933 Datasheet
159Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933A BYTES-SM4933A Datasheet
164Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF101 BYTES-SMF101 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Formosa MS
FSM101 FORMOSA-FSM101 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
SMF101 UNIOHM-SMF101 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
RS1A TSC-RS1A_11 Datasheet
195Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMF101A GWSEMI-SMF101A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
DL4933 WINNERJOIN-DL4933 Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com