Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF102FL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF102FL
Description  1.0 Amp Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF102FL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMF102FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF102FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMF102FL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMF102FL ~ SMF107FL
Voltage 100V~ 1000V
1.0 Amp Surface Mount Fast Recovery Rectifiers
09-May-2011 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%
.)
Part Number
Parameters
Symbol
SMF
102FL
SMF
103FL
SMF
104FL
SMF
105FL
SMF
106FL
SMF
107FL
Unit
Recurrent Reverse Voltage (Max.)
VRRM
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current @TA = 65°C
1
I(AV)
1.0
A
Peak Forward Surge Current 8.3ms
single half sine-wave superimposed
on rated load TL=25°C
IFSM
20
A
Typical thermal resistance junction to
ambient
2
RθJA
180
K / W
Typical thermal resistance junction to
lead
4
RθJC
40
K / W
Maximum reverse recovery time
3
TRR
150
250
500
ns
Operating Temperature Range
Tj
-55~150
°C
Storage Temperature Range
TSTG
-55~150
°C
Notes:
1.
Averaged over any 20 ms period.
2.
Thermal resistance junction to ambient, 6.0 mm
2
copper pads to each terminal.
3.
Measured with IF=0.5A, IR=1A, IRR=0.25A.
4.
Thermal resistance junction to case.
ELECTRICAL CHARACTERISTICS
Parameters
Symbol
Min.
Typ.
Max.
Units
Testing Conditions
Maximum instantaneous
5
VF
-
-
1.3
V
forward voltage @ 1.0A
Maximum DC reverse current
IR
-
-
10
μA
TA=25°C
At rated DC blocking voltage
IR
-
-
50
μA
TA=125°C
Typical junction capacitance
6
CJ
-
4
-
pF
Notes:
5.
Pulse test:300μs pulse width,1% duty cycle.
6.
Measured at 1.0MHz and applied average voltage of 4.0V DC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com