Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP640 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMP640
Description  6 A Surface Mount Schottky Elektronische Bauelemente Barrier Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMP640 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMP640 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMP640 ~ SMP6100
VOLTAGE 40 ~ 100 V
6 A Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
16-Mar-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low leakage
Low forward voltage drop
Super long operating life
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
PACKAGE INFORMATION
Package
MPQ
LeaderSize
TO-277A
4K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
.
Parameters
Symbol
Part numbers
Units
Testing
conditions
SMP640
SMP660
SMP6100
Maximum Repetitive peak Reverse Voltage
VRRM
40
60
100
V
Maximum DC Blocking Voltage
VDC
40
60
100
V
Maximum Forward Voltage
VF
0.55
0.7
0.85
V
IF=6A , TA=25°C
0.5
0.65
0.8
V
IF=3A , TA=125°C
0.38
0.58
0.68
Maximum Average Forward Rectified Current
IF(AV)
6
A
TL = 90°C
Peak Forward Surge Current
IFSM
150
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR1
0.5
mA
TA=25°C
IR2
1
0.5
TA=75°C,
50%VRRM,typ.
IR3
50
30
TA=100°C
Thermal Resistance junction to Ambient
RθJA
100
K / W
Thermal Resistance junction to Lead
RθJL
3
K / W
Operating Temperature Range
TJ
-55 ~ 150
°C
In DC forward mode
200 (Note 1)
≦ 1h
Storage Temperature Range
TSTG
-55 ~ 150
°C
Notes:
1.
Meets the requirements of IEC 61215 Ed.2 bypass diode thermal test.
TO-277A
M
N
A
B
I
F
J
C
E
D
G
H
K
L
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.4
4.8
H
4.05 Typ.
B
5.9
6.3
J
4.4
4.8
C
6.3
6.7
K
2.0
2.2
D
4.1
4.5
L
1.0
1.4
E
0.65 Typ.
M
0.15
0.35
F
3.55
3.95
N
1.0
1.4
G
1.85
2.25
2
2
2
2
1
1
1
1 3
3
3
3


Similar Part No. - SMP640

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMP6401 VBSEMI-SMP6401 Datasheet
1Mb / 10P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SMP640

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC546 SECOS-BC546 Datasheet
183Kb / 3P
Elektronische Bauelemente
BC556 SECOS-BC556 Datasheet
313Kb / 3P
Elektronische Bauelemente
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
Elektronische Bauelemente
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
S4GBP20-C SECOS-S4GBP20-C Datasheet
213Kb / 2P
4.0 Amp Glass Passivited Elektronische Bauelemente Bridge Rectifiers
S4GVB20-C SECOS-S4GVB20-C Datasheet
250Kb / 2P
4.0 Amp Glass Passivited Elektronische Bauelemente Bridge Rectifiers
5SMDJ SECOS-5SMDJ Datasheet
195Kb / 4P
11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com