Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12KT3 Datasheet(PDF) 1 Page - eupec GmbH

Part # FS75R12KT3
Description  EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS75R12KT3 Datasheet(HTML) 1 Page - eupec GmbH

  FS75R12KT3 Datasheet HTML 1Page - eupec GmbH FS75R12KT3 Datasheet HTML 2Page - eupec GmbH FS75R12KT3 Datasheet HTML 3Page - eupec GmbH FS75R12KT3 Datasheet HTML 4Page - eupec GmbH FS75R12KT3 Datasheet HTML 5Page - eupec GmbH FS75R12KT3 Datasheet HTML 6Page - eupec GmbH FS75R12KT3 Datasheet HTML 7Page - eupec GmbH FS75R12KT3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EconoPACK™2 Modul mit schnellem Trench/Feldstop IGBT3 und High Efficiency Diode
EconoPACK™2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
1
Technische Information / technical information
FS75R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten / preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
!"
#
"
#
$%& ' ()*
+,-.
+
/
#
"
/*
$, ' 0 )*1 $%& ' ( )*
$, ' ()*1 $%& ' ( )*
2, 345
2,
6(
(
7
7
8
9
"
: '
"
2,;<
(
7
=
" +
#
>
$, ' ()*1 $%& ' ( )*
8?4?
@((
A
=
!"
9
#
#
"
#
+B-.
CD
+
Charakteristische Werte / characteristic values
"
" E
!"
F #
#
#
"
#
2, ' 6( 71 +B- ' ( +
2, ' 6( 71 +B- ' ( +
+,- GH?
16
1I
1 (
+
+
$%& ' ()*
$%& '
()*
=
>
#
#
#
2, ' @1
"71 +,- ' +B-1 $%& ' ()*
+B-?J
(1
(10
1(
+
=
#
#
#
+B- '
( +
C ( +
KB
16
L*
2
=
>
#
$%& ' ()*
BM3?
N
! #
#
9 F
'
O91 $%& ' ()*1 +,- ' ( +1 +B- '
+
*MPG
(1@
Q
R
>
#
9 F
'
O91 $%& ' ()*1 +,- ' ( +1 +B- '
+
*SPG
1
Q
!"
"
"
+,- '
+1 +B- '
+1 $%& ' ()*
2,-.
(1
"7
=
!"
"
#
"
#
+,- '
+1 +B- '
+1 $%& ' ()*
2B-.
7
!
9T#
# 9
U
V
W
" U
W
2, ' 6( 71 +,- '
+
+B- ' X ( +
B43 ' 16 N
Y 43
1
1 I
L
L
$%& ' ()*
$%& '
()*
7
# 9
U
V
W
" U
W
2, ' 6( 71 +,- '
+
+B- ' X ( +
B43 ' 16 N
S
1 @
1 (
L
L
$%& ' ()*
$%& '
()*
7
9T#
# 9
U
V
W
" U
W
2, ' 6( 71 +,- '
+
+B- ' X ( +
B4ZZ ' 16 N
Y 4ZZ
1
1(
L
L
$%& ' ()*
$%& '
()*
Q
9
U
V
W
" U
W
2, ' 6( 71 +,- '
+
+B- ' X ( +
B4ZZ ' 16 N
Z
1 6
1 I
L
L
$%& ' ()*
$%& '
()*
!
#
8
#
2, ' 6( 71 +,- '
+
+B- ' X ( +1 V. ' 6
O
B43 ' 16 N
!43
61
"[
"[
$%& ' ()*
$%& '
()*
7
#
8
#
2, ' 6( 71 +,- '
+
+B- ' X ( +1 V. ' 6
O
B4ZZ ' 16 N
!4ZZ
01
"[
"[
$%& ' ()*
$%& '
()*
9
*
: \
L 1 +B- \ ( +
$%& '
()*1 +,, ' I
+1 +,-5H] ' +,-. VG,- ^ D
2.,
@
7
2
AF " >
"
1 _
2=`$
2=`$
?Ja,
1@(
DA
b
#
# AF " >
"
1
2=`$ D
2=`$
c:HG?P '
ADU"^ W D
cdSPHGP '
ADU"^ W
?J,e
1 I
DA


Similar Part No. - FS75R12KT3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS75R12KT3 INFINEON-FS75R12KT3 Datasheet
458Kb / 8P
EconoPACK2 Modul mit schnellem Trench
:2013-10-03 revision:2.1
logo
eupec GmbH
FS75R12KT3G EUPEC-FS75R12KT3G Datasheet
348Kb / 8P
EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FS75R12KT3G INFINEON-FS75R12KT3G Datasheet
462Kb / 8P
EconoPACK3 Modul mit schnellem Trench
2013-10-03 revision:2.1
More results

Similar Description - FS75R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FP75R12KT3 EUPEC-FP75R12KT3_05 Datasheet
359Kb / 11P
EconoPIM3 module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS25R12KT3 EUPEC-FS25R12KT3 Datasheet
313Kb / 8P
EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS35R12KT3 EUPEC-FS35R12KT3_04 Datasheet
313Kb / 8P
EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS50R12KT3 EUPEC-FS50R12KT3_04 Datasheet
314Kb / 8P
EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3G EUPEC-FS75R12KT3G Datasheet
348Kb / 8P
EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS100R12KT3 EUPEC-FS100R12KT3_04 Datasheet
347Kb / 8P
EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS150R12KT3 EUPEC-FS150R12KT3_04 Datasheet
359Kb / 8P
EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS225R12KE3 EUPEC-FS225R12KE3_05 Datasheet
342Kb / 8P
EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS300R12KE3 EUPEC-FS300R12KE3_05 Datasheet
343Kb / 8P
EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS450R12KE3 EUPEC-FS450R12KE3 Datasheet
344Kb / 8P
EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com