Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12KT3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FS75R12KT3
Description  EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS75R12KT3 Datasheet(HTML) 2 Page - eupec GmbH

  FS75R12KT3 Datasheet HTML 1Page - eupec GmbH FS75R12KT3 Datasheet HTML 2Page - eupec GmbH FS75R12KT3 Datasheet HTML 3Page - eupec GmbH FS75R12KT3 Datasheet HTML 4Page - eupec GmbH FS75R12KT3 Datasheet HTML 5Page - eupec GmbH FS75R12KT3 Datasheet HTML 6Page - eupec GmbH FS75R12KT3 Datasheet HTML 7Page - eupec GmbH FS75R12KT3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS75R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
8
9
#
#
$%& ' ()*
+;;<
+
/
#
"
/*
>
2f
6(
7
8
9
"
>
: '
"
2f;<
(
7
=
9
#
2g
+; '
+1 : '
" 1 $%& '
()*
2g
7g
Charakteristische Werte / characteristic values
"
" E
/
#
>
#
2f ' 6( 71 +B- '
+
2f ' 6( 71 +B- '
+
+f
1 (
1 (
1 (
+
+
$%& ' ()*
$%& '
()*
R
"
9
2f ' 6( 71
fD
'
7DL
+; '
+
+B- '
( +
2;<
I 1
I 1
7
7
$%& ' ()*
$%& '
()*
9T#
#
#
#
2f ' 6( 71
fD
'
7DL
+; '
+
+B- '
( +
KS
61
@1(
L*
L*
$%& ' ()*
$%& '
()*
7
#
8
#
2f ' 6( 71
fD
'
7DL
+; '
+
+B- '
( +
!SPh
@1
(1(
"[
"[
$%& ' ()*
$%& '
()*
2
AF " >
"
1 _
/
?Ja,
1(0
DA
b
#
# AF " >
"
1
/
D
c:HG?P '
ADU"^ W D
cdSPHGP '
ADU"^ W
?J,e
1@
DA
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
"
" E
i
>
$, ' ()*
jk
(1
N
7 >
#
lmm
lmm
$, '
)*1
lmm ' I@ N
n D
(
(
o
+
#
>
$, ' ()*
8jk
1
"A
` A
`
j '
jk E p`jkqkmU D$j
DU I01 (
WWr
`jkqkm
@@6(



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com