Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM0410 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM0410
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM0410 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSM0410 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM0410 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM0410 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM0410 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSM0410
3.5 A, 100V, RDS(ON) 220mΩ
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
11-May-2010 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSM0410 provide the designer with best combination of fast switching,
ruggedized device design, low on resistance and cost-effectiveness.
The SOT-223 package is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications such as DC/DC converters.
FEATURES
Fast Switching
Low On-resistance
Logic Level Compatible
MARKING
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain – Source Voltage
VDS
100
V
Gate – Source Voltage
VGS
±20
V
Continuous Drain Current
3, VGS@5V
TA = 25°C
ID
3.5
A
TA = 70°C
2.2
A
Pulsed Drain Current
1,2
IDM
14
A
Total Power Dissipation
PD
2.7
W
Linear Derating Factor
0.02
W/°C
Operating Junction & Storage Temperature Range
TJ, TSTG
-65~150
°C
THERMAL DATA
Maximum Junction–Ambient
3
RθJA
45
°C/W
SOT-223
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.20
6.70
G
-
0.10
B
6.70
7.30
H
-
-
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
-
-
E
4.50
4.70
L
2.30 REF.
F
0.60
0.82
M
2.90
3.10
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
Gate
Source
Drain


Similar Part No. - SSM0410

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM0410-C SECOS-SSM0410-C Datasheet
263Kb / 4P
N-Channel Enhancement Mode Power MOSFET
SSM0410S SECOS-SSM0410S Datasheet
399Kb / 4P
N-Channel Enhancement Mode Power MOSFET
SSM0410S SECOS-SSM0410S_15 Datasheet
399Kb / 4P
N-Channel Enhancement Mode Power MOSFET
SSM0410 SECOS-SSM0410_15 Datasheet
435Kb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSM0410

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com