Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM0410 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM0410
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM0410 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM0410 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM0410 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM0410 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM0410 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSM0410
3.5 A, 100V, RDS(ON) 220mΩ
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
11-May-2010 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Drain-Source Breakdown Voltage
BVDSS
100
-
-
V
VGS=0V, ID =1mA
Gate Threshold Voltage
VGS(TH)
1.0
-
2.5
V
VDS= 10V, ID =1mA
Forward Transconductance
gFS
-
4.0
-
S
VDS=10V, ID=2.5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
Drain-Source Leakage Current
IDSS
-
-
10
μA
VDS=100V, VGS=0V
Drain-Source On Resistance
RDS(ON)
-
-
0.22
Ω
VGS=10V, ID=2.6A
-
-
0.28
VGS=5.0V, ID=1.7A
Total Gate Charge
2
Qg
-
11.2
-
nC
V GS=5V
VDS=80V
I D=3.5A
Gate-Source Charge
Qgs
-
4.4
-
Gate-Drain (“Miller”) Charge
Qgd
-
3.0
-
Turn-on Delay Time
2
Td(ON)
-
9
-
nS
VDD=30V
V GS=10V
I D=1A
RG=6Ω, RL=30Ω
Rise Time
Tr
-
9.4
-
Turn-off Delay Time
Td(OFF)
-
26.8
-
Fall Time
Tf
-
2.6
-
Input Capacitance
CISS
-
975
-
pF
VDS=25V
VGS=0V
f=1MHz
Output Capacitance
COSS
-
38
-
Reverse Transfer Capacitance
CRSS
-
27
-
SOURCE-DRAIN DIODE
Forward On Voltage
3
VSD
-
-
1.5
V
VGS=0V, IS=3.5A
Note:
1. Pulse width limited by Maximum junction temperature.
2. Pulse width ≦ 300 μs, Duty cycle ≦ 2%
3. Surface mounted on 1 in
2 copper pad of FR4 board; 120°C/W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com