Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSY5829P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSY5829P
Description  P-Channel Enhancement MOSFET With Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSY5829P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSY5829P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSY5829P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSY5829P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSY5829P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSY5829P
-2.5 A, -20 V, RDS(ON) 0.110 
P-Channel Enhancement MOSFET
With Schottky Diode
14-Jan-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1206-8CF
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
RDS(on) and to ensure minimal power loss and
heat dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers,PCMCIA cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
1206-8CF saves board space.
Fast switching speed.
High performance trench technology.
PACKAGE INFORMATION
Package
MPQ
LeaderSize
1206-8CF
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage (MOSFET)
VDS
-20
V
Reverse Voltage (Schottky)
VKA
20
V
Gate-Source Voltage (MOSFET)
VGS
±8
V
TA=25°C
-2.5
Continuous Drain Current(TJ=150°C )(MOSFET)
1
TA=70°C
ID
-1.9
A
Pulsed Drain Current (MOSFET)
2
IDM
-10
A
Continuous Source Current (MOSFET Diode Conduction)
1
IS
-1.6
A
Average Forward Current (Schottky)
IF
0.5
A
Pulse Forward Current (Schottky)
IFM
8
A
TA=25°C
2.1
Maximum Power Dissipation (MOSFET)
1
TA=70°C
1.1
TA=25°C
1.3
Maximum Power Dissipation (Schottky)
1
TA=70°C
PD
0.68
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦5 sec
50
60
Maximum Junction to Ambient
1
Steady State
RθJA
90
110
°C/W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.10
M
0.08
0.25
B
3.00
3.05
a
1.70
1.73
C
3.00
3.05
b
0.24
0.35
D
0.65
0.70
L
0.20
0.40
E
1.95
2.00
L1
0
0.1
F
0.70
0.90



A
A
C
C
G
S
D
D


Similar Part No. - SSY5829P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSY5829P SECOS-SSY5829P_15 Datasheet
656Kb / 4P
P-Channel Enhancement MOSFET
More results

Similar Description - SSY5829P

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2801B ANPEC-APM2801B Datasheet
607Kb / 11P
P-Channel Enhancement Mode MOSFET with Schottky Diode
logo
GTM CORPORATION
GTS6923 GTM-GTS6923 Datasheet
333Kb / 4P
P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
SYNC POWER Crop.
SPC4703 SYNC-POWER-SPC4703 Datasheet
230Kb / 9P
P-Channel Trench MOSFET with Schottky Diode
logo
Cystech Electonics Corp...
MSFA0M02X8 CYSTEKEC-MSFA0M02X8 Datasheet
239Kb / 7P
P-Channel Logic Level Enhancement Mode MOSFET with Schottky Diode
logo
SHANGHAI BELLING CO., L...
BL8593 BELLING-BL8593 Datasheet
495Kb / 6P
P-Channel MOSFET with 0.12V Schottky Diode
logo
ACE Technology Co., LTD...
ACE4710B ACE-ACE4710B Datasheet
601Kb / 6P
P-Channel Enhancement Mode MOSFET with Schottky Diode
VER 1.2
logo
Taiwan Semiconductor Co...
TSM301K12CQ TSC-TSM301K12CQ_13 Datasheet
455Kb / 7P
20V P-Channel MOSFET with Schottky Diode
logo
Diodes Incorporated
DMS2085LSD DIODES-DMS2085LSD_15 Datasheet
308Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 2
DMS2095LFDB DIODES-DMS2095LFDB_15 Datasheet
312Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 3
logo
TECH PUBLIC Electronics...
TPM2P106PS8 TECHPUBLIC-TPM2P106PS8 Datasheet
2Mb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com