Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSY5829P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSY5829P
Description  P-Channel Enhancement MOSFET With Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSY5829P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSY5829P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSY5829P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSY5829P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSY5829P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSY5829P
-2.5 A, -20 V, RDS(ON) 0.110 
P-Channel Enhancement MOSFET
With Schottky Diode
14-Jan-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate-Threshold Voltage
VGS(th)
-0.4
-
-
V
VDS = VGS, ID = -250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS = 0V, VGS= ±8V
-
-
-1
VDS = -16V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-
-
-10
μA
VDS = -16V, VGS= 0V, TJ=55°C
On-State Drain Current
1
ID(ON)
-5
-
-
A
VDS = -5V, VGS= -4.5V
-
-
0.110
VGS= -4.5V, ID = -3.6A
Drain-Source On-State Resistance
1
RDS(ON)
-
-
0.160
Ω
VGS= -2.5V, ID = -3.0A
Forward Transconductance
1
gFS
-
3
-
S
VDS= -5V,,ID = -3.6A
Diode Forward Voltage
VSD
-
-0.70
-
V
IS= -1.6A, VGS=0V
Dynamic
2
Total Gate Charge
Qg
-
6.0
-
Gate-Source Charge
Qgs
-
0.80
-
Gate-Drain Charge
Qgd
-
1.30
-
nC
ID= -3.6A
VDS= -5V
VGS= -4.5V
Turn-On Delay Time
Td(ON)
-
6.5
-
Rise Time
Tr
-
20
-
Turn-Off Delay Time
Td(OFF)
-
31
-
Fall Time
Tf
-
21
-
nS
VDD= -5V
VGEN= -4.5V
RG= 6Ω
RL= 5Ω
SCHOTTKY
SPECIFICATIONS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
-
-
0.48
IF= 0.5A
Forward Voltage Drop
1
VF
-
-
0.4
V
IF= 0.5A, TJ=125°C
-
-
0.1
Vr= 30V
-
-
1
Vr= 30V, TJ=75°C
Maximum Reverse Leakage Current
IRM
-
-
10
mA
Vr= 30V, TJ=125°C
Junction Capacitance
CT
-
31
-
pF
Vr= 10V
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com