Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEW05CFN Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STEW05CFN
Description  Plastic Encapsulate ESD Protection Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STEW05CFN Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STEW05CFN Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STEW05CFN Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STEW05CFN
Plastic Encapsulate ESD Protection Diodes
Elektronische Bauelemente
27-Jun-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Working Peak Reverse Voltage
VRWM
-
-
5.0
V
Reverse Breakdown Voltage
VBR
6.2
-
7.2
V
IBR=1mA
Reverse Leakage Current
IR
-
-
0.5
µ
A
VR=5V
Clamping Voltage (8/20 µs)
VC
-
-
10
V
IPP=2A
Typical Junction Capacitance
1
CJ
-
9
10
pF
0Vdc Bias f=1Mhz between pin 1,2 to 3
(Gnd)
Note:
1.
Capacitance between pins 1 and 2 is half of the value, in a bi-directional configuration.
CHARACTERISTIC CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com