Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEW05CFN Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STEW05CFN
Description  Plastic Encapsulate ESD Protection Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STEW05CFN Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STEW05CFN Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STEW05CFN Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STEW05CFN
Plastic Encapsulate ESD Protection Diodes
Elektronische Bauelemente
27-Jun-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
A
B
F
G
J
H
K
E
D
D
C
L
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
This Dual Unidirectional ESD Protector Array family have
been designed to protect sensitive equipment against
ESD in high speed transmission buses, operating at 5V.
This dual array offers an integrated solution to protect up
to 2 data lines in a unidirectional mode or, 1 data line in
a bi-directional mode, in application where the board space
is a premium, in our WBFBP-03D package version.
FEATURES
IEC61000-4-2 ESD 15kV air, 8kV Contact Compliance
Low Leakage Current, Maximum of 0.5µA at rated voltage
Maximum Capacitance of 10pF per device at 0Vdc 1MHz
Peak Power Dissipation of 20W 8/20µs Waveform
Pin to pin compatible with standard WBFBP-03D
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case:WBFBP-03D,Molded Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
WBFBP-03D
8K
7 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Pulse Power (8/20µs Waveform)
PPP
20
W
Peak Pulse Current (8/20µs Waveform)
IPPM
2
A
ESD Voltage (HBM Per MIL STD883C-Method 3015-6)
VESD
20
kV
Operating Temperature Range
TJ
-55 ~ 125
°C
Storage temperature Range
TSTG
-55 ~ 150
°C
WBFBP-03D
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.950
1.050
G
-
0.050
B
0.950
1.050
H
0.510
0.610
C
0.010
0.070
J
0.250
0.350
D
0.210
0.310
K
-
0.050
E
0.350 REF.
L
0.450
0.550
F
0.680 REF.
AF


Similar Part No. - STEW05CFN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
92Kb / 3P
SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
25-Aug-08
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
logo
SICK AG
STE-0612G000GA3KM0 SICK-STE-0612G000GA3KM0 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
STE-0612W000GA3KM0 SICK-STE-0612W000GA3KM0 Datasheet
328Kb / 4P
Plug connector
More results

Similar Description - STEW05CFN

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05-C SECOS-STESD05-C Datasheet
226Kb / 3P
Plastic Encapsulate ESD Protection Diodes
STESD03-C SECOS-STESD03-C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com