Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT3423P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3423P
Description  P-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3423P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3423P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3423P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3423P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3423P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STT3423P
-5.7 A, -20 V, RDS(ON) 42 m
P-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
23-Jul-2010 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

6
1
3
2
5
4
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high cell density
trench process to provide low RDS(on) and to ensure minimal power
loss and heat dissipation. Typical applications are DC-DC converters
and power management in portable and battery-powered products
such as computers, printers, PCMCIA cards, cellular and cordless
telephones.
FEATURES
Low RDS(on) provides higher efficiency and extends battery life.
Low thermal impedance copper leadframe TSOP-6 saves board space.
Fast switching speed.
High performance trench technology.
PRODUCT SUMMARY
PRODUCT SUMMARY
VDS(V)
RDS(on) (m
ID(A)
-20
42@VGS= -4.5V
-5.7
57@VGS= -2.5V
-4.9
80@VGS= -1.8V
-4.1
ABSOLUTE MAXIMUM RATINGS(TA=25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Ratings
Unit
Maximum
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
a
ID @TA=25℃
ID @TA=70℃
-5.7
A
-4.7
Pulsed Drain Current
b
IDM
±20
A
Continuous Source Current (Diode Conduction)
a
IS
-1.7
A
Power Dissipation
a
PD @TA=25℃
2.0
W
PD @TA=70℃
1.3
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Unit
Maximum Junction to Ambient
a
t ≦ 5 sec
RJA
50
°C / W
Steady State
90
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E

Gate

Source

Drain


Similar Part No. - STT3423P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3423P VBSEMI-STT3423P Datasheet
444Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STT3423P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSP1027 SECOS-SSP1027 Datasheet
400Kb / 4P
P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405 Datasheet
954Kb / 4P
P-Channel Enhancement Mode Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
STT3981 SECOS-STT3981_10 Datasheet
908Kb / 5P
P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405_09 Datasheet
861Kb / 3P
P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com