Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT3423P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3423P
Description  P-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3423P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3423P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3423P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3423P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3423P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STT3423P
-5.7 A, -20 V, RDS(ON) 42 m
P-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
23-Jul-2010 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol Min.
Typ.
Max.
Unit
Test Conditions
Gate-Threshold Voltage
VGS(th)
-0.4
-
-
V
VDS=VGS, ID= -250uA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS= 0V, VGS= ±8V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
uA
VDS= -16V, VGS= 0V
-
-
-5
VDS= -16V, VGS=0 V, TJ= 55°C
On-State Drain Current
a
ID(on)
-20
-
-
A
VDS = -4.5V, VGS= -4.5 V
Drain-Source On-Resistance
a
RDS(ON)
-
-
42
mΩ
VGS= -4.5V, ID= -5.7A
-
-
57
VGS= -2.5V, ID= -4.9A
-
-
80
VGS= -1.8V, ID= -4.1A
Forward Transconductance
a
gfs
-
10
-
S
VDS= -10V, ID= -4.9A
Diode Forward Voltage
a
VSD
-
-0.7
-
V
IS= 1.7A, VGS= 0V
DYNAMIC
b
Total Gate Charge
Qg
-
8
-
nC
VDS= -10V, VGS= -4.5V,
ID= -5.7A
Gate-Source Charge
Qgs
-
1.8
-
Gate-Drain Charge
Qgd
-
1.9
-
Turn-on Delay Time
Td(on)
-
22
-
nS
VDD= -10V, VGEN= -4.5V,
RL= 6, ID= -1A
Rise Time
Tr
-
35
-
Turn-off Delay Time
Td(off)
-
45
-
Fall Time
Tf
-
25
-
Notes
a.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com