Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT3457P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3457P
Description  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3457P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3457P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3457P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3457P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3457P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STT3457P
-4 A, -30 V, RDS(ON) 60 m
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
06-Jan-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize
a high cell density trench process to provide Low RDS(on)
and to ensure minimal power loss and heat dissipation.
Typical applications are DC-DC converters and power
management in portable and battery-powered products
such as computers, printers, PCMCIA cards, cellular and
cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Low thermal impedance copper leadframe TSOP-6
saves board space.
Fast switching speed
High performance trench technology
PACKAGE INFORMATION
Package
MPQ
LeaderSize
TSOP-6
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
TA= 25°C
ID
-4
A
TA= 70°C
-3.2
Pulsed Drain Current
2
IDM
-20
A
Continuous Source Current (Diode Conduction)
1
IS
-1.7
A
Power Dissipation
1
TA= 25°C
PD
2
W
TA= 70°C
1.3
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ 150
°C
Thermal Resistance Ratings
Maximum Junction to Ambient
1
t ≦ 5 sec
RJA
62.5
°C / W
Steady State
110
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
23
4
5
6
D
G
DD
D
S


Similar Part No. - STT3457P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3457P VBSEMI-STT3457P Datasheet
456Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3457P SECOS-STT3457P_15 Datasheet
689Kb / 4P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - STT3457P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com