Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT3457P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3457P
Description  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3457P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3457P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3457P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3457P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3457P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STT3457P
-4 A, -30 V, RDS(ON) 60 m
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
06-Jan-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
Gate-Threshold Voltage
VGS(th)
-1
-
-
V
VDS= VGS, ID= 250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS= 0V, VGS= ±8V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS= -16V, VGS= 0V
-
-
-5
VDS= -20V, VGS= 0V, TJ= 55°C
On-State Drain Current
1
ID(on)
-20
-
-
A
VDS = -5V, VGS= -4.5V
Drain-Source On-Resistance
1
RDS(ON)
-
-
60
mΩ
VGS= -4.5V, ID= -4.0A,TJ= 55°C
-
-
50
VGS= -10V, ID= -4.0A
-
-
75
VGS= -4.5V, ID= -3.4A
Forward Transconductance
1
gfs
-
10
-
S
VDS= -5V, ID= -3.4A
Diode Forward Voltage
VSD
-
-0.8
-
V
IS= 1.3A, VGS= 0V
Dynamic
2
Total Gate Charge
Qg
-
6.4
-
nC
VDS= -20V, VGS= -5V,
ID= -4.0A
Gate-Source Charge
Qgs
-
2
-
Gate-Drain Charge
Qgd
-
3.8
-
Turn-on Delay Time
Td(on)
-
7
-
nS
VDD= -20V, VGEN= -10V,
RL= 6, ID= -1A
Rise Time
Tr
-
10
-
Turn-off Delay Time
Td(off)
-
30
-
Fall Time
Tf
-
22
-
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com