Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0805LP-R10KF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0805LP-R10KF
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805LP-R10KF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0805LP-R10KF Datasheet HTML 1Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 2Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 3Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 4Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 5Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 6Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI0805LP SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.06.2010
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
50
50
50
50
50
50
50
50
50
50
40
40
50
50
50
50
55
55
50
150
100
SCI0805LP-R10 F
K, J, G
K, J, G
K, J, G
SCI0805LP-R15 F
SCI0805LP-R12 F
150
120
150
150
250
22
K, J, G
SCI0805LP-22N F
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI0805LP-47N F
SCI0805LP-56N F
SCI0805LP-82N F
SCI0805LP-68N F
SCI0805LP-33N F
SCI0805LP-39N F
SCI0805LP-27N F
47
200
56
82
68
200
150
200
33
39
27
250
250
250
K, J, G
K, J, G
K, J, G
K, J, G
SCI0805LP-12N F
SCI0805LP-15N F
SCI0805LP-18N F
SCI0805LP-10N F
SCI0805LP-8N2 F
SCI0805LP-6N8 F
SCI0805LP-4N7 F
SCI0805LP-3N9 F
15
12
10
18
250
250
250
250
3.9
4.7
6.8
8.2
K, J
K, J
K, J
250
250
250
250
500
400
1200
0.640
0.800
0.680
250
250
1050
1150
300
300
500
800
0.150
2900
0.400
0.390
0.440
0.390
0.280
0.330
0.230
500
2000
500
500
500
1850
1500
1500
500
500
500
2350
2200
2450
600
500
500
500
600
600
600
0.060
0.060
0.080
0.100
0.100
0.080
0.130
0.080
500
750
750
500
2950
3800
3300
3100
1000
1000
1000
1000
5500
6100
5500
4800
800
800
800
800
800
800
800
800
55
SCI0805LP-1N8 F
K
1.8
250
0.030
1500
9400
800
16
K, J, G
SCI0805LP-1R0 F
1000
25
2.000
50
80
220
K, J
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%
( nH )
Tolerance
Part No.
Available
L
Freq
( MHz )
Test
Min.
Freq
( MHz )
Q
Q Test
DCR
Max.
( )
( MHz )
Min.
SRF
(mA)
Max.
IDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com