Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0805LP-R10KF Datasheet(PDF) 7 Page - Superworld Electronics

Part # SCI0805LP-R10KF
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805LP-R10KF Datasheet(HTML) 7 Page - Superworld Electronics

  SCI0805LP-R10KF Datasheet HTML 1Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 2Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 3Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 4Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 5Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 6Page - Superworld Electronics SCI0805LP-R10KF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
22.06.2010
SCI0805LP SERIES
WIREWOUND CHIP INDUCTORS
Measured after exposure in the room condition for 2hrs
Load Life Test
Characteristics
Low Temperature
Thermal Shock
High Temperature
High Temperature
Humidity Load
Life
7
6
Storage Test
5
3
Test
4
Storage Test
Resistance
Temperature
Humidity
1
2
15
25±2
2
Load : Allowed DC current
Temperature : 40±2°C
Relative Humidity : 90~95%
Time : 1000±12hrs
Load : Allowed DC current
Total : 5 cycles
Load : Allowed DC current
Time : 48±2hrs
Time : 1000±12hrs
Temperature : 85±2°C
Temperature : 125±2°C
evidence of short of
There should be no
open circuit.
4
3
25±2
85±3
30
15
Inductors are to be tested after 1 hour at room
Time : 96hrs ±2hrs
Relative Humidity : 90~95%
Temperature : 40±2°C
-40°C ~ +125°C
One cycle :
temperature.
Time : 48±2hrs
Temperature : -40±2°C
Appearance : No damage
Q change : within ±20%
L change : within ±10%
1
Step
-25±3
Temperature (°C)
Time (min)
30
Climatic Test :
ITEM
SPECIFICATION
TEST CONDITIONS / TEST METHODS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com