Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1108N-R80LF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDL1108N-R80LF
Description  HIGH CURRENT POWER INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N-R80LF Datasheet(HTML) 1 Page - Superworld Electronics

  SDL1108N-R80LF Datasheet HTML 1Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 2Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 3Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 4Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 5Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 6Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 7Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S D L 1 1 0 8 N - R 4 7 M F
(a)
(d)
(b)
(f)
(e)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Material code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Inductance code : R47 = 0.47uH
(e) Tolerance code : M = ±20%
SDL1108N SERIES
HIGH CURRENT POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.07.2009
8.5 Max.
8.5 Max.
8.5 Max.
8.5 Max.
11.7 Max.
11.7 Max.
11.7 Max.
11.7 Max.
SDL1108N-1R0MF
SDL1108N-R80LF
SDL1108N-R60MF
SDL1108N-R56MF
11.7 Max.
11.7 Max.
11.7 Max.
11.7 Max.
5.7±0.5
6.4±0.5
5.7±0.5
5.7±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
6.3±0.5
6.3±0.5
6.3±0.5
6.3±0.5
8.5 Max.
8.5 Max.
A
11.7 Max.
11.7 Max.
SDL1108N-R47MF
Part No.
SDL1108N-R30MF
E
11.7 Max.
11.7 Max.
R80
5.7±0.5
5.7±0.5
3.5±0.5
3.5±0.5
6.3±0.5
6.3±0.5
Unit : mm
ØO
SDL1108N-1R0MF
SDL1108N-R80LF
SDL1108N-R60MF
SDL1108N-R56MF
SDL1108N-R47MF
11.7 Max.
11.7 Max.
12.5 Max.
11.7 Max.
11.7 Max.
5.7±0.5
8.5 Max.
11.7 Max.
3.5±0.3
7.9±0.5
6.7±0.5
6.4±0.5
6.6±0.5
6.6±0.5
8.5 Max.
8.5 Max.
8.5 Max.
11.7 Max.
11.7 Max.
11.7 Max.
3.5±0.3
3.5±0.5
3.5±0.5
8.5 Max.
11.7 Max.
3.5±0.5
6.6±0.5
6.6±0.5
6.3±0.5
6.4±0.5
AB
C
D
E
F
ØO
1.5±0.1
1.0±0.1
0.8±0.1
1.0±0.1
1.1±0.1
1.2±0.1
1.1±0.1
1.5±0.1
1.3±0.1
1.5±0.1
1.5±0.1
(c)
(f) F : RoHS Compliant


Similar Part No. - SDL1108N-R80LF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDL1108 SUPERWORLD-SDL1108 Datasheet
547Kb / 5P
HIGH CURRENT POWER INDUCTORS
SDL1108-1R0MF SUPERWORLD-SDL1108-1R0MF Datasheet
547Kb / 5P
HIGH CURRENT POWER INDUCTORS
SDL1108-1R0MF SUPERWORLD-SDL1108-1R0MF Datasheet
669Kb / 4P
High Current POWER INDUCTORS
SDL1108-1R2MF SUPERWORLD-SDL1108-1R2MF Datasheet
547Kb / 5P
HIGH CURRENT POWER INDUCTORS
SDL1108-1R5MF SUPERWORLD-SDL1108-1R5MF Datasheet
547Kb / 5P
HIGH CURRENT POWER INDUCTORS
More results

Similar Description - SDL1108N-R80LF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com