Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1108N-R30MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDL1108N-R30MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N-R30MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDL1108N-R30MF Datasheet HTML 1Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 2Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 3Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 4Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 5Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 6Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 7Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4. MATERIALS :
(a) Core : Iron Core
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
5. GENERAL SPECIFICATION :
d) Irms (A) : Will cause the coil temperature rise approximately T=40°C without core loss
c) Ambient temp. : 20°C
b) Storage temp. : -40°C to +125°C
a) Operating temp. : -40°C to +125°C
HIGH CURRENT POWER INDUCTORS
SDL1108N SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.07.2009
(b) Wire : Enamelled Copper Wire
a
b
f) Part temperature (ambient + temp. rise) : Should not exceed 125°C under worst case operating conditions
e) Isat (A) : Will cause L to drop approximately 20% typical
Typ.
Typ.
±8%
( Hz )
2.2
1.3
0.8
1.3
0.8
0.8
SDL1108N-1R0MF
SDL1108N-R80LF
SDL1108N-R60MF
SDL1108N-R56MF
SDL1108N-R47MF
SDL1108N-R30MF
0.80±15%
1.0±20%
0.60±20%
0.56±20%
0.47±20%
0.30±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
45
31
29
40
38
32
38
38
50
40
50
50
DCR
( m )
Part No.
Inductance L
( µH )
Frequency
Test
( A )
Irms
( A )
Isat
0
0
2.2±20%
3.3±20%
2.0±20%
1.5±20%
1.2±20%
SDL1108N-1R5MF
SDL1108N-2R0MF
SDL1108N-2R2MF
SDL1108N-3R3MF
SDL1108N-1R2MF
1.8
1V / 100K
1V / 100K
1V / 100K
1V / 100K
4.0
6.0
3.3
1V / 100K
2.2
31
25
25
15
12
15
21
30
20
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com