Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1108N-R30MF Datasheet(PDF) 6 Page - Superworld Electronics

Part # SDL1108N-R30MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N-R30MF Datasheet(HTML) 6 Page - Superworld Electronics

  SDL1108N-R30MF Datasheet HTML 1Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 2Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 3Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 4Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 5Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 6Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 7Page - Superworld Electronics SDL1108N-R30MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
HIGH CURRENT POWER INDUCTORS
SDL1108N SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
01.07.2009
8. RELIABILITY AND TEST CONDITION :
Solder Temperature : 260±5°C
High Temperature
Low Temperature
Humidity Resistance
Life Test
Thermal Shock
Reliability Test
Life Test
1. Appearance : No damage
Temperature : 40±5°C
Measure at room temperature after placing for 2 to 3 hrs.
Humidity : 90% to 95%
Applied Current : Rated Current
Time : 500±12 hours
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
Flux for lead free : rosin
260°C
150°C
Step
3
2
4
1
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Temperature : 125±5°C
Time : 500±12 hours
Time : 500±12 hours
Temperature : -55±5°C
Conditions of 1 cycle.
Dip Time : 10±0.5sec.
Measure at room temperature after placing for 2 to 3 hrs.
Total : 5 cycles
1. Appearance : No damage
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
2. Inductance : Within ±20% of initial value.
Times (min.)
30±3
Within 3
Within 3
30±3
Room Temperature
125±3
Room Temperature
Temperature (°C)
-40±3
10±0.5
seconds
60
seconds
Dipping
Preheating
Natural
cooling
Mechanical Performance Test
Saturation Current (Isat)
Solder Heat Resistance
Heat Rated Current (Irms)
Electrical Characteristics Test
Solderability Test
Inductance
DCR
ITEM
LCR meter.
245°C
150°C
Isat(A) will cause Lo to drop approximately 20%.
Irms(A) will cause the coil temperature rise
Solder : lead free
Preheat : 150°C, 60sec.
approximately T=40°C without core loss
HP4284A, CH3252A, CH1320, CH1320S
CH1320, Micro-Ohm Meter.
More than 90% of the terminal electrode
should be covered with solder.
1. Components should have no evidence of
electrical & mechanical damage.
PERFORMANCE
Refer to standard electrical characteristics list
4±1
seconds
60
seconds
Dipping
Preheating
Natural
cooling
TEST CONDITION
1. Applied the allowed DC current
2. Temperature measured by digital surface thermometer
Flux for lead free : rosin
Dip Time : 4±1sec.
Solder : lead free
Solder Temperature : 245±5°C
Preheat : 150°C, 60sec.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com