Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0705M Datasheet(PDF) 6 Page - Superworld Electronics

Part # SSL0705M
Description  HIGH CURRENT POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL0705M Datasheet(HTML) 6 Page - Superworld Electronics

  SSL0705M Datasheet HTML 1Page - Superworld Electronics SSL0705M Datasheet HTML 2Page - Superworld Electronics SSL0705M Datasheet HTML 3Page - Superworld Electronics SSL0705M Datasheet HTML 4Page - Superworld Electronics SSL0705M Datasheet HTML 5Page - Superworld Electronics SSL0705M Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
08.04.2011
860~1060
(hPa)
Room atm
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
in the arrow direction under the following conditions.
The force for tearing off cover tape is 10 to 130 grams
Application Notice
2. Transportation :
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) Recommended products should be used within 6 months from the time of delivery.
a) Temperature and humidity conditions : Less than 40° C and 70% RH.
To maintain the solderabililty of terminal electrodes :
1. Storage Conditions :
9-4. Tearing Off Force
Top cover tape
Base tape
165° to 180°
F
45~85
5~35
Room Temp.
(° C)
Room Humidity
(%)
300
(mm/min)
Tearing Speed
(referenced ANSI/EIA-481-C-2003 of 4.11 standard)
HIGH CURRENT POWER INDUCTORS
SSL0705M SERIES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com