Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0705M Datasheet(PDF) 1 Page - Superworld Electronics

Part # SSL0705M
Description  HIGH CURRENT POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL0705M Datasheet(HTML) 1 Page - Superworld Electronics

  SSL0705M Datasheet HTML 1Page - Superworld Electronics SSL0705M Datasheet HTML 2Page - Superworld Electronics SSL0705M Datasheet HTML 3Page - Superworld Electronics SSL0705M Datasheet HTML 4Page - Superworld Electronics SSL0705M Datasheet HTML 5Page - Superworld Electronics SSL0705M Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S S L 0 7 0 5 M - R 1 0 M F - R 3 2
(a)
(d)
(b)
(f)
(e)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Material code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(e) Tolerance code : M = ± 20%
(f) F : RoHS Compliant
SSL0705M SERIES
HIGH CURRENT POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
08.04.2011
PCB Pattern
7.0 Max.
4.96 Max. 2.49± 0.25
BC
D
7.0 Max.
Unit:m/m
2.03± 0.25
G
E
1.52± 0.25
Inductance L ( uH )
0.072 ± 20%
5. ELECTRICAL CHARACTERISTICS :
SSL0705M-72NMF-R32
SSL0705M-R15MF-R32
SSL0705M-R10MF-R32
Part No.
31
0.25V/1M
24
31
Freq.
Test
0
Irms
Max.
( A )
0.32
58
30
0.32
46
0.32
DCR
Isat
Max.
( A )
( m )
±9.4%
72N
A
E
G
3.3± 0.25 3.05± 0.25
HI
d) Part temperature (ambient + temp. rise) : Should not exceed 125° C under worst case operating conditions.
c) Isat (A) : Will cause L to drop approximately 20%
a) Operating temp. : -40° C to +125° C
b) Irms (A) : Will cause coil temp. to rise approximately T=40°C without core loss.
4. GENERAL SPECIFICATION :
0
0.105 ± 20%
0.150 ± 20%
( Hz )
0.25V/1M
0.25V/1M
0939
H
G
(c)
(g) DCR code
(g)
(d) Inductance code
SSL0705M-R10MF-R46
SSL0705M-R15MF-R46
SSL0705M-72NMF-R46
0.25V/1M
0.25V/1M
0.25V/1M
0.150 ± 20%
0.105 ± 20%
0.072 ± 20%
0.46
0.46
0.46
46
31
24
30
31
58


Similar Part No. - SSL0705M

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
SSL075-NA88 LUMILEDS-SSL075-NA88 Datasheet
1Mb / 20P
SnapLED 75 and SnapLED 150
SSL075-NO88 LUMILEDS-SSL075-NO88 Datasheet
1Mb / 20P
SnapLED 75 and SnapLED 150
SSL075-WA88 LUMILEDS-SSL075-WA88 Datasheet
1Mb / 20P
SnapLED 75 and SnapLED 150
SSL075-WO88 LUMILEDS-SSL075-WO88 Datasheet
1Mb / 20P
SnapLED 75 and SnapLED 150
More results

Similar Description - SSL0705M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
SDL11T08P-R25MF SUPERWORLD-SDL11T08P-R25MF Datasheet
779Kb / 1P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com