Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1308M-R53MF-R53 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSL1308M-R53MF-R53
Description  HIGH CURRENT POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1308M-R53MF-R53 Datasheet(HTML) 2 Page - Superworld Electronics

  SSL1308M-R53MF-R53 Datasheet HTML 1Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 2Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 3Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 4Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 5Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 6Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
35
30
0.32
0.44 ± 20%
SSL1308M-R44MF-R32
0.25V/1M
0.53
0.53
0.53
0.53
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
6. CHARACTERISTICS CURVES :
SSL1308M-R21MF-R53
SSL1308M-R26MF-R53
SSL1308M-R53MF-R53
SSL1308M-R44MF-R53
0.25V/1M
0.44 ± 20%
0.26 ± 20%
0.32 ± 20%
0.21 ± 20%
0.25V/1M
0.25V/1M
0.25V/1M
PG. 2
08.04.2011
30
35
45
41
45
60
50
71
0.32
0.32
0.32
±9.4%
( m )
DCR
HIGH CURRENT POWER INDUCTORS
SSL1308M-R32MF-R32
SSL1308M-R26MF-R32
SSL1308M-R21MF-R32
5. ELECTRICAL CHARACTERISTICS :
Part No.
0.21 ± 20%
0.25V/1M
0.32 ± 20%
0.26 ± 20%
0.25V/1M
0.25V/1M
Inductance L ( uH )
0
Test
( Hz )
Freq.
71
45
41
45
50
60
Irms
( A )
Max.
Isat
( A )
Max.
SSL1308M SERIES
07
14
21
28
35
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
SLPI1308M-R44M-R32
SSL1308M-R44MF-R32
0
10
203040
50
DC CURRENT(A)
0
0.15
0.3
0.45
0.6
0
10
20
30
40
50
60
70
80
SLPI1308M-R32M-R32
SSL1308M-R32MF-R32
0
153045
60
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
SLPI1308M-R26M-R32
SSL1308M-R26MF-R32
0
15304560
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
70
80
SLPI1308M-R21M-R32
SSL1308M-R21MF-R32



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com