Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1308M-R53MF-R53 Datasheet(PDF) 7 Page - Superworld Electronics

Part # SSL1308M-R53MF-R53
Description  HIGH CURRENT POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1308M-R53MF-R53 Datasheet(HTML) 7 Page - Superworld Electronics

  SSL1308M-R53MF-R53 Datasheet HTML 1Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 2Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 3Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 4Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 5Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 6Page - Superworld Electronics SSL1308M-R53MF-R53 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
Application Notice
To maintain the solderabililty of terminal electrodes :
a) Temperature and humidity conditions : Less than 40° C and 70% RH.
b) Recommended products should be used within 6 months from the time of delivery.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
2. Transportation :
1. Storage Conditions :
Base tape
5~35
45~85
PG. 7
08.04.2011
860~1060
300
SSL1308M SERIES
(referenced ANSI/EIA-481-C-2003 of 4.11 standard)
Room Humidity
The force for tearing off cover tape is 10 to 130 grams
in the arrow direction under the following conditions.
HIGH CURRENT POWER INDUCTORS
Top cover tape
165° to 180°
F
9-4. Tearing Off Force
Room Temp.
(° C)
(%)
Tearing Speed
(mm/min)
Room atm
(hPa)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com