Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI252018-R22KF-11 Datasheet(PDF) 4 Page - Superworld Electronics

Part # WI252018-R22KF-11
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI252018-R22KF-11 Datasheet(HTML) 4 Page - Superworld Electronics

  WI252018-R22KF-11 Datasheet HTML 1Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 2Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 3Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 4Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 5Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
WI252018 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
09.03.2011
Packing : 2000pcs/reel
( 3 ) Q'TY & G.W. PER PACKAGE
4 m/m
G
( 2 ) DIMENSIONS
21±0.8
A
178
B
13
C
P:4m/m
( 1 ) CONFIGURATION
T
Unit:m/m
* CARRIER TAPE WIDTH : D
8
D
+0
G
10
50
N
-0
12.5
T
EMBOSSED CARRIER
D
COVER TAPE
2.0±0.5
ØC
8. PACKAGING INFORMATION :
MOLDED WIREWOUND CHIP INDUCTORS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com