Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI252018-R22KF-11 Datasheet(PDF) 6 Page - Superworld Electronics

Part # WI252018-R22KF-11
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI252018-R22KF-11 Datasheet(HTML) 6 Page - Superworld Electronics

  WI252018-R22KF-11 Datasheet HTML 1Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 2Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 3Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 4Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 5Page - Superworld Electronics WI252018-R22KF-11 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
09.03.2011
WI252018 SERIES
Unless otherwise specified, allow the specimen to stand at room temperature for 1 hour
or more but more than 2 hours, measure the electrical and mechanical performances
AFTER FLUXING, INDUCTOR SHALL BE DIPPED IN
THE TERMINAL SHALL
CLIMATIC TEST
HUMIDITY LOAD LIFE
HIGH TEMPERATURE
SOLDERABILITY TEST
Note :
LOAD LIFE TEST
DRY HEAT TEST
THERMAL SHOCK
TEST
COLD TEST
HUMIDITY TEST
TEMPERATURE
CHARACTERISTIC
RESISTANCE TO
SOLVENT TEST
-40±2°C
ROOM TEMP
3. Q SHALL NOT
2. R.H. :90 ----- 95%
1. TEMP :40±2°C
1. TEMP :85±2°C
2. TIME :96±2 HOURS
1. TEMP :85±2°C
TOTAL :5 CYCLES
4. LOAD :ALLOWED DC CURRENT
3. TIME :1000±12 HOURS
3. LOAD :ALLOWED DC CURRENT
2. TIME :1000±12 HOURS
EVIDENCE OF SHORT OR
THERE SHALL BE NO
OPEN CIRCUITING
CHANGE MORE THAN
±20%
15 MINS
15 MINS
ROOM TEMP
30 MINS
30 MINS
+125±2°C
1. TEMP :-25±2°C
2. TIME :96±2 HOURS
-40°C ----- +125°C
3. TIME :96±2 HOURS
2. R.H. :90 ----- 95%
1. TEMP :40±2°C
5 SECONDS.
MIL-STD-202F, METHOD 215D
A MELTED SOLDER BATH AT 240±5°C FOR
NOT CHANGE MORE
2. INDUCTANCE SHALL
1. INDUCTORS SHALL BE
NO EVIDENCE OF
ELECTRICAL AND
MECHANICAL
THAN ±10%
DAMAGE
APPEARANCE OR
OBLITERATION OF
COVERED WITH SOLDER
THERE SHALL BE NO
CASE DEFORMATION
BE AT LEAST 90%
CHANGE IN
MARKING
TERMINAL
STRENGTH-PULL
TEST
1 MINUTE.
( 0.5KG FOR WI252018 SERIES )
TERMINALS IN THE AXIS DIRECTION FOR
A 1KG LOAD SHALL BE APPLIED TO BOTH
TERMINAL SHALL NOT
BE LOOSENED OR
RUPTURED
9. RELIABILTY TEST :
MOLDED WIREWOUND CHIP INDUCTORS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com