Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI252018-R22KF-22 Datasheet(PDF) 3 Page - Superworld Electronics

Part # WI252018-R22KF-22
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI252018-R22KF-22 Datasheet(HTML) 3 Page - Superworld Electronics

  WI252018-R22KF-22 Datasheet HTML 1Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 2Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 3Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 4Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 5Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WI252018 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
09.03.2011
7. ELECTRICAL CHARACTERISTICS :
(
)
( mA )
( MHz )
Q
Frequency
Inductance
WI252018-R22 F-
WI252018-R27 F-
WI252018-R47 F-
WI252018-R39 F-
WI252018-R33 F-
WI252018-R56 F-
WI252018-1R0 F-
WI252018-R82 F-
WI252018-R68 F-
WI252018-1R2 F-
WI252018-1R8 F-
WI252018-2R7 F-
WI252018-180 F-
WI252018-470 F-
WI252018-220 F-
WI252018-270 F-
WI252018-390 F-
WI252018-330 F-
WI252018-6R8 F-
WI252018-150 F-
WI252018-120 F-
WI252018-8R2 F-
WI252018-100 F-
WI252018-5R6 F-
WI252018-4R7 F-
WI252018-3R9 F-
WI252018-3R3 F-
WI252018-560 F-
WI252018-680 F-
WI252018-1R5 F-
WI252018-101 F-
WI252018-820 F-
Part No.
48
7.96
30
1.90
185
3.30
0.796
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
7.96
7.96
7.96
7.96
7.96
25
22.00
56.00
82.00
100.00
68.00
33.00
39.00
47.00
27.00
20
15
20
20
20
25
25
20
8.20
12.00
15.00
18.00
10.00
6.80
3.90
4.70
5.60
25
25
25
25
25
25
25
30
30
17
5.50
130
12
10
9
11
16
14
13
15
12.1
75
16.6
21.0
19.0
70
60
66
6.30
11.0
9.50
7.10
115
90
110
30
27
23
20
18
43
40
33
36
3.05
160
4.40
4.80
3.80
3.50
140
120
155
150
2.30
2.50
2.70
2.10
175
170
165
180
7.96
7.96
7.96
7.96
( MHz )
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
0.56
1.20
1.80
2.70
1.50
0.68
0.82
1.00
30
30
30
30
30
0.22
0.27
0.33
0.47
0.39
( µH )
25
Min.
325
0.75
100
90
85
55
135
125
115
150
1.20
230
1.70
1.30
1.45
195
220
210
0.85
1.00
1.10
300
260
245
230
175
210
190
160
Min.
430
0.50
0.55
0.65
0.60
0.68
350
375
400
420
Max.
Max.
Test
SRF
RDC
IDC
Inductance tolerance : J : ±5%
MOLDED WIREWOUND CHIP INDUCTORS
K : ±10%
M : ±20%
125
WI252018-2R2 F-
30
2.20
1.55
7.96
75
25
25
25
25
25
25
25
200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com