Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI252018-R22KF-22 Datasheet(PDF) 5 Page - Superworld Electronics

Part # WI252018-R22KF-22
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI252018-R22KF-22 Datasheet(HTML) 5 Page - Superworld Electronics

  WI252018-R22KF-22 Datasheet HTML 1Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 2Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 3Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 4Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 5Page - Superworld Electronics WI252018-R22KF-22 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
WI252018 SERIES
9. RELIABILTY TEST :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
09.03.2011
5 MINUTES
10 MINUTES
SURFACE THERMOMETER
NOT BE MORE THAN 20°C
AND CASE
TEMP :260±5°C
3. DIRECTION :X, Y, Z
4. DURATION :2 HRS / X, Y, Z
TIME :10±1.0 SEC
1. AMPLITUDE :1.5 m/m
1. APPLIED THE ALLOWED DC CURRENT FOR
IMPEDANCE ANALYZER : HP4194A, HPE4991A
INDUCTANCE CHANGE SHALL BE LESS THAN 10%
TO INITIAL VALUE & TEMPERATURE RISE SHALL
CURRENT TO INDUCTOR FOR A PERIOD OF
INDUCTORS TERMINAL AND CASE FOR 1 MINUTE
AC VOLTAGE OF 1000VAC APPLIED BETWEEN
100 VDC APPLIED BETWEEN INDUCTOR TERMINAL
INDUCTORS SHALL BE DROPPED 10 TIMES FROM
A HEIGHT OF 1m ONTO 3cm WOODEN BOARD
2. FFREQUENCY :10 -- 55 -- 10 HZ / 1MIN
APPLIED THE CURRENT TO COILS, THE
2. TEMPERATURE MEASURE BY DIGITAL
APPLIED 2 TIMES OF RATED ALLOWED DC
TEST CONDITION / TEST METHOD
Q-METER : HP4342A,
HP4194A, HPE4991A
WHEATSTONE BRIDGE : YEW-2755
DIGITAL MULITMETER : 502BC
Q
AFTER TEST, INDUCTORS
OF ELECTRICAL AND
2. INDUCTANCE SHALL
1000 MOHM MIN.
MECHANICAL DAMAGE
3. Q SHALL NOT CHANGE
1. INDUCTORS SHALL BE
SHALL BE NO EVIDENCE
MECHANICAL PERFORMANCE TEST
VIBRATION TEST
( LOW FREQUENCY )
RESISTANCE TO
SOLDERING HEAT
SHOCK TEST
INSULATION
RESISTANCE TEST
WITHSTANDING
VOLTAGE TEST
NO EVIDENCE OF
NOT CHANGE MORE
ELECTRICAL AND
MORE THAN ±20%
MECHANICAL DAMAGE
THAN ±5%
MECHANICAL DAMAGE
CHARACTERISTIC LIST
20°C MAX
OF ELECTRICAL AND
ELECTRICAL
REFER TO STANDARD
AFTER TEST, INDUCTORS
SHALL BE NO EVIDENCE
RISE TEST
OVER LOAD TEST
TEMPERATURE
RATED CURRENT IDC
DC RESISTANCE RDC
SELF RESONANCE
FREQUENCY SRF
ELECTRICAL PERFORMANCE TEST
INDUCTANCE L
TEST ITEM
SPECIFICATION
MOLDED WIREWOUND CHIP INDUCTORS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com