Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1502 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2DP1502
Description  1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1502 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2DP1502 Datasheet HTML 1Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 2Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 3Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 4Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 5Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 6Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 7Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 8Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY2DP1502
Document Number: 001-56308 Rev. *G
Page 4 of 13
DC Electrical Specifications
(VDD = 3.3 V ± 5% or 2.5 V ± 5%; TA = 0 °C to 70 °C (Commercial) or –40 °C to 85 °C (Industrial))
Parameter
Description
Condition
Min
Max
Unit
IDD
Operating supply current
All LVPECL outputs floating (internal IDD)–
45
mA
VIH
Input high voltage, LVPECL inputs
IN and IN#
–VDD + 0.3
V
VIL
Input low voltage, LVPECL inputs
IN and IN#
–0.3
–
V
VID
[3]
Input differential amplitude
See Figure 2 on page 6
0.4
1.0
V
VICM
Input common mode voltage
See Figure 2 on page 6
0.5
VDD – 0.2
V
IIH
Input high current, LVPECL inputs
IN and IN#
Input = VDD
[4]
–
150
A
IIL
Input low current, LVPECL inputs
IN and IN#
Input = VSS
[4]
–150
–
A
VOH
LVPECL output high voltage
Terminated with 50
 to V
DD – 2.0
[5]
VDD – 1.20 VDD – 0.70
V
VOL
LVPECL output low voltage
Terminated with 50
 to V
DD – 2.0
[5]
VDD – 2.0 VDD – 1.63
V
CIN
Input capacitance
Measured at 10 MHz; per pin
–
3
pF
Notes
3. VID minimum of 400 mV is required to meet all output AC Electrical Specifications. The device is functional with VID minimum of greater than 200 mV.
4. Positive current flows into the input pin, negative current flows out of the input pin.
5. Refer to Figure 3 on page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com