Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1502 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2DP1502
Description  1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1502 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2DP1502 Datasheet HTML 1Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 2Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 3Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 4Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 5Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 6Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 7Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 8Page - Cypress Semiconductor CY2DP1502 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY2DP1502
Document Number: 001-56308 Rev. *G
Page 3 of 13
Pinouts
Figure 1. Pin Diagram – 8-Pin SOIC and 8-Pin TSSOP Package
1
2
3
45
6
7
8
Q0
Q0#
Q1
Q1#
VDD
IN
IN#
VSS
Table 1. Pin Definitions
Pin Number
Pin Name
Pin Type
Description
1,3
Q(0:1)
Output
LVPECL output clocks
2,4
Q(0:1)#
Output
LVPECL complementary output clocks
5VSS
Power
Ground
6
IN#
Input
LVPECL complementary input clock
7
IN
Input
LVPECL input clock
8VDD
Power
Power supply
Absolute Maximum Ratings
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
Nonfunctional
–0.5
4.6
V
VIN
[2]
Input voltage, relative to VSS
Nonfunctional
–0.5
lesser of 4.0
or VDD + 0.4
V
VOUT
[2]
DC output or I/O voltage, relative to VSS
Nonfunctional
–0.5
lesser of 4.0
or VDD + 0.4
V
TS
Storage temperature
Nonfunctional
–55
150
°C
ESDHBM
Electrostatic discharge (ESD) protection
(Human body model)
JEDEC STD 22-A114-B
2000
–
V
LU
Latch up
Meets or exceeds JEDEC Spec
JESD78B IC Latchup Test
UL–94
Flammability rating
At 1/8 in
V-0
MSL
Moisture sensitivity level
3
Operating Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
2.5-V supply
2.375
2.625
V
3.3-V supply
3.135
3.465
V
TA
Ambient operating temperature
Commercial
0
70
°C
Industrial
–40
85
°C
tPU
Power ramp time
Power-up time for VDD to reach
minimum specified voltage (power
ramp must be monotonic).
0.05
500
ms
Note
2. The voltage on any I/O pin cannot exceed the power pin during power up. Power supply sequencing is NOT required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com