Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC Datasheet(PDF) 1 Page - HolyStone International

Part # THC
Description  High reliability at High temperatature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

THC Datasheet(HTML) 1 Page - HolyStone International

  THC Datasheet HTML 1Page - HolyStone International THC Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
151
Hitachi AIC Inc.
TANTALUM ELECTROLYTIC CAPACITORS
Case
Case size
code
L±0.2
W±0.2
H±0.2
R±0.3
a±0.2
A
3.2
1.6
1.6
0.7
1.2
B
3.5
2.8
1.9
0.8
2.2
C
5.8
3.2
2.5
1.3
2.2
E
7.3
4.3±0.3
2.8
1.3
2.4
Dimensions
(Unit : mm)
THC
Test conditions JIS C5101-1:1998
Operating temperature range
–55°C ~ +150°C
Rated voltage
DC10 ~ 35V
105°C
Surge voltage
DC13 ~ 45V
85°C
Derated voltage
DC6.3 ~ 22V
150°C
Capacitance
0.33 ~ 47µF
Capacitance tolerance
±10% or 20%
Paragraph 4.7, 120 Hz
Leakage current
tan
δ
Paragraph 4.8, 120Hz
Paragraph 4.26
Thermal shock
Failure rate
0.5% / 1000hrs
Features
The New THC series capacitor was developed based on the existing
high reliability TMCH series
(which is used in many Automobile applications) with an imploved
internal element and higher temperature resistance.
The operational temperature is up to 150
℃ with derating voltage.
Capacitance
µFCode
334
474
684
105
155
225
335
475
685
106
156
226
336
476
Rated voltage (V.DC)
10
1A
A
B
C
C
C/E
E
16
1C
A
B
C
C
C/E
E
20
1D
A
B
C
C
C/E
E
25
1E
A
B
C
C
C/E
E
35
1V
A
B
C
C
E
0.33
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
Standard value and case size
THC Series (High reliability at High temperatature (up to 150℃Tantalum Chip Capacitors)
Specifiedinitialvalue
–55
105
150
△C/C
–-10 ~ 0%
0 ~ +10%
0 ~ +20%
tan
δ
0.04
0.04
0.06
0.08
Valueshowntable
0.06
0.06
0.08
0.10
or less
LC
0.005CV
—
0.10CV
0.125CV
or
or
or
0.25µA or less
5µA or less
6.25µA or less
Refer to Standard product table
△C/C
±10% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
Refer to Standard product table
Paragraph 4.9, in 5 minutes
after the rated voltage is
applied.
△C/C
±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
△C/C
±10% or less
tan
δ
150% Specified initial value or less
LC
200% Specified initial value or less
△C/C
±10% or less
tan
δ
Specified initial value or less
LC
125% Specified initial value or less
△C/C
±10% or less
tan
δ
Specified initial value or less
LC
200% Specified initial value or less
△C/C
±10% or less
tan
δ
150% Specified initial value or less
LC
200% Specified initial value or less
Product
specifications
Paragraph 4.24
Solder Dip
260±5°C
A,B case
C,E, case
10±1 sec.
5±0.5 sec.
Reflow–260°C 10±1 sec.
Paragraph 4.22, 85°C
85%RH, 1000hrs
Leave at -55°C, normal
temperature, 150°C, and normal
temperature for 30 min., 3 min.,
30 min., and 3 min. Repeat this
operation 1000 times running.
65°C, humidity 90 to 95%RH
The rated voltage is applied
for 500 hours.
85°C
The Rated voltage is applied
for 2000hrs
(Derated voltage in 150°C)
85°C. The rated voltage is applied
(through a protective resistor of 1
Ω/V).
Surge withstanding
voltage
Temperature
characteristics
Solder heat
resistance
Moisture resistance
no load
High-temperature
load
Moisture resistance
load
Outline of drawings and dimensions
Anode indication belf mark
E case
A,B, C case
L
Product symbol : (Example) THC Series E case 35V 10
µF ±20%
Terminal code
Packing polarity code
Packing method code (T:carrier tape)
Capacitance tolerance code (M :
±20%)
Capacitance code
Rated voltage code
Case size code
THC E 1V 106 M T R F
Type
※This catalog is designed for providing general information. Please inquire
of our Sales Department to confirm specifications prior to use.


Similar Part No. - THC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
02-Nov-2020
logo
List of Unclassifed Man...
THC1420 ETC1-THC1420 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC1566 ETC1-THC1566 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC1613 ETC1-THC1613 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC1711 ETC1-THC1711 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
More results

Similar Description - THC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD269PH JIANGHAI-CD269PH Datasheet
925Kb / 4P
EC Radial 125째C 4.000h Liftetime High Reliability at High Temperature(Radial)
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
High Reliability Mixer High Reliability Mixer
logo
List of Unclassifed Man...
ATC200A ETC2-ATC200A Datasheet
194Kb / 6P
High Reliability
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
List of Unclassifed Man...
RG1005P-123 ETC2-RG1005P-123 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
RG1608N-4531 ETC2-RG1608N-4531 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
RG1608P-204 ETC2-RG1608P-204 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
logo
jb Capacitors Company
JFM JBCAPACITORS-JFM Datasheet
219Kb / 1P
High reliability at high current stress
logo
MERITEK ELECTRONICS COR...
WT MERITEK-WT Datasheet
907Kb / 6P
High reliability withstanding 2000 hours load life at 125C.
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
High Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com